Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPSH-3AE Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPSH-3AE
Description  ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPSH-3AE Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPSH-3AE Datasheet HTML 1Page - Central Semiconductor Corp CMPSH-3AE Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPSH-3E
CMPSH-3AE
CMPSH-3CE
CMPSH-3SE
ENHANCED SPECIFICATION
SURFACE MOUNT
SILICON SCHOTTKY DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPSH-3E Series
types are Enhanced Versions of the CMPSH-3 Series
of Silicon Schottky Diodes in an SOT-23 Surface Mount
Package.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
200
mA
Peak Repetitive Forward Voltage
IFRM
350
mA
Forward Surge Current, tp=10ms
IFSM
750
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=25V
90
500
nA
IR
VR=25V, TA=100°C
25
100
μA
BVR
IR=100µA
40
50
V
VF
IF=2.0mA
0.29
0.33
V
VF
IF=15mA
0.37
0.42
V
VF
IF=100mA
0.61
0.80
V
VF
IF=200mA
0.65
1.0
V
CT
VR=1.0V, f=1.0MHz
7.0
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
♦♦
♦ Enhanced specification
♦♦ Additional Enhanced specification
CMPSH-3E:
SINGLE
MARKING CODE: D95E
CMPSH-3AE:
DUAL, COMMON ANODE
MARKING CODE: DB1E
CMPSH-3CE:
DUAL, COMMON CATHODE
MARKING CODE: DB2E
CMPSH-3SE:
DUAL, IN SERIES
MARKING CODE: DA5E
FEATURED ENHANCED SPECIFICATIONS:
I
F from 100 mA max to 200 mA max.
BV
R from 30V min to 40 V min.
V
F from 1.0 V max to 0.8 V max.
SOT-23 CASE
R3 (27-January 2010)
www.centr a lsemi.com


Similar Part No. - CMPSH-3AE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPSH-3AE CENTRAL-CMPSH-3AE Datasheet
129Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMPSH-3AE CENTRAL-CMPSH-3AE Datasheet
664Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
More results

Similar Description - CMPSH-3AE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSSH-3E CENTRAL-CMSSH-3E_10 Datasheet
676Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E_10 Datasheet
489Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMPSH-3E CENTRAL-CMPSH-3E Datasheet
129Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3E CENTRAL-CMSSH-3E Datasheet
134Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E Datasheet
151Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini SILICON SCHOTTKY DIODES
CMOSH-4E CENTRAL-CMOSH-4E Datasheet
124Kb / 2P
   SURFACE MOUNT ENHANCED SPECIFICATION SILICON SCHOTTKY DIODE
CMOSH-4E CENTRAL-CMOSH-4E_10 Datasheet
419Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODE
CMPD2836E CENTRAL-CMPD2836E Datasheet
127Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMPD2836E CENTRAL-CMPD2836E_10 Datasheet
536Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMPD7000E CENTRAL-CMPD7000E_10 Datasheet
470Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com