Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6661 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # 6661
Description  Temperature Compensated Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

6661 Datasheet(HTML) 4 Page - Vectron International, Inc

  6661 Datasheet HTML 1Page - Vectron International, Inc 6661 Datasheet HTML 2Page - Vectron International, Inc 6661 Datasheet HTML 3Page - Vectron International, Inc 6661 Datasheet HTML 4Page - Vectron International, Inc 6661 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Although protection circuitry has been
designed into this device, proper precautions
should be taken to avoid exposure to
electrostatic discharge (ESD) during handling
and mounting. VI employs a human-body
model (HBM) and a charged-device model
(CDM) for ESD-susceptibility testing and
protection design evaluation. ESD voltage
thresholds are dependent on the circuit
parameters used to define the mode.
Although no industry-wide standard has been
adopted for the CDM, a standard HBM
(resistance = 1500 ohms, capacitance =
100pf) is widely used and therefore can be
used for comparison purposes. The HBM
ESD threshold presented here was obtained
by using these circuit parameters.
ESD Threshold Voltage
Model
Threshold
Unit
Human-Body (HBM)
Charged-Device
500
500
V min
V min
The Standard ship method for volume production of the TC-210 series is in a matrix tray. These
trays are 100% recyclable. The trays also offer the added feature that they can be continuously
feed into a pick-n-place machine eliminating the down time required with tape-n-reel.
1. 05
1. 20
0.1 2 5
0.15
0. 125
0. 40 5 Deep
4.00
0. 12 5
12 15/16
0. 2 15
0. 2 15
3 x 9 Array / 27 units per tray
VI Logo
Vectron International 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON


Similar Part No. - 6661

ManufacturerPart #DatasheetDescription
logo
3M Electronics
666 3M-666 Datasheet
61Kb / 5P
   3M Repositionable Tapes
logo
List of Unclassifed Man...
666/3 ETC-666/3 Datasheet
1Mb / 4P
   Power toggle switches ??metal lever
logo
Tyco Electronics
66601-2 MACOM-66601-2 Datasheet
415Kb / 9P
   Signal Contacts
66601-9 MACOM-66601-9 Datasheet
415Kb / 9P
   Signal Contacts
66602-2 MACOM-66602-2 Datasheet
415Kb / 9P
   Signal Contacts
More results

Similar Description - 6661

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ES64 ECLIPTEK-ES64 Datasheet
177Kb / 2P
   Temperature Compensated Crystal
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com