Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS468F Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS468F
Description  Application Note
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS468F Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS468F Datasheet HTML 1Page - Vectron International, Inc TFS468F Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ltp: TFP7x5B
version 1.2
25.01.2007
VI TELEFILTER
Application Note
TFS 468F
2/2
TELEFILTER GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
3. Matching on the PCB
For example: PCB with 50
Ω test circuit
L1 = 24 nH
L3 = 20 nH
L2 = -
L4 = -
C1 = 15 pF
C2 = 15 pF
All other components are 0
Ω jumpers.
The matching on the PCB does slightly differ from the theoretical matching. The reasons for
that are parasites of the PCB.
If the parasites on the customer board (mentioned parasites, additional parasites of active
parts) are different to this PCB the matching elements have to be slightly adjusted.
In case of questions please contact us to
SAW
10
4
1, 2, 3, 5, 7, 8, 9, 11
12
6
C
L
L
2
L3
C2
L
4


Similar Part No. - TFS468F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS468F VECTRON-TFS468F Datasheet
239Kb / 5P
   Filter specification
TFS468F VECTRON-TFS468F_05 Datasheet
239Kb / 5P
   Filter specification
More results

Similar Description - TFS468F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com