Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78602NE Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC78602NE
Description  Compact Disc Player DSP with Built-in Microcontroller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78602NE Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC78602NE Datasheet HTML 2Page - Sanyo Semicon Device LC78602NE Datasheet HTML 3Page - Sanyo Semicon Device LC78602NE Datasheet HTML 4Page - Sanyo Semicon Device LC78602NE Datasheet HTML 5Page - Sanyo Semicon Device LC78602NE Datasheet HTML 6Page - Sanyo Semicon Device LC78602NE Datasheet HTML 7Page - Sanyo Semicon Device LC78602NE Datasheet HTML 8Page - Sanyo Semicon Device LC78602NE Datasheet HTML 9Page - Sanyo Semicon Device LC78602NE Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
No. 6021-6/11
LC78602NE
Pin Functions
Pin No.
Pin
I/O
Function
Pin state during reset
1
DEFI
I
Defect detection signal (DEF) input. (Must be connected to 0 V if unused.)
23 V/*5 V
I
Supply voltage selection input. (High: 3V operation, low: 5V operation)
3
PDO
O
Internal VCO control phase comparator output
Undefined
4VVSS
Internal VCO ground. This pin must be connected to 0 V.
5
ISET
AI
PLL circuit pins
PDO output current adjustment resistor connection
6VVDD
Internal VCO power supply
7
FR
AI
VCO frequency range adjustment
8VSS
Digital system ground. This pin must be connected to 0 V.
9
EFMO
O
Slice level
EFM signal output
Undefined
10
EFMIN
I
control pins
EFM signal input
11
TMOD
I
Test input. This pin must be connected to 0 V.
12
CLV
O
Disc motor control output. This is a 3-value output.
Hi-Z
13
HFL
I
Track detection signal input. This is a Schmitt input.
14
TES
I
Tracking error signal input. This is a Schmitt input.
15
TOFF
O
Tracking off output
High output
16
TGL
O
Tracking gain switching output. A low level output raises the gain.
Undefined
17
JP
O
Track jump control output. This is a 3-value output.
Hi-Z
18
LASER
O
Laser control. A pull-down resistor is built in.
Pulled down
19
FSTA
O
FSTA control. A pull-down resistor is built in.
Pulled down
20
EFBAL
O
EFBAL control. A pull-down resistor is built in.
Pulled down
21
SP8
O
SP8 control. A pull-down resistor is built in.
Pulled down
22
VDD
Digital system power supply
23
FSEQ
O
Synchronizing signal detection output. Outputs a high level if the synchronizing signal detected
Undefined
from the EFM signal and the internally generated synchronizing signal match.
EFM data playback clock monitor. 4.3218 MHz when the phase is locked.
24
PCK
O
(Note that this output is only provided in test mode. This pin outputs a low level during normal
Low output
mode operation.)
25
SLOF
O
Sled off control output
High output
26
SLED+
O
Sled feed output
Low output
27
SLED–
O
Low output
28
PUIN
I
Limit switch detection input. A pull-up resistor is built in.
29
DOUT
O
Digital output (EIAJ format)
Undefined
30
NC
Unused pin. This pin must be left open.
31
*SEG8
O
Segment output (8). A pull-up resistor is built in.
Pulled up
32
*SEG7
O
Segment output (7). A pull-up resistor is built in.
Pulled up
33
*SEG6
O
Segment output (6). A pull-up resistor is built in.
Pulled up
34
*SEG5
O
Segment output (5). A pull-up resistor is built in.
Pulled up
35
*SEG4
O
Segment output (4). A pull-up resistor is built in.
Pulled up
36
*SEG3
O
Segment output (3). A pull-up resistor is built in.
Pulled up
37
*SEG2
O
Segment output (2). A pull-up resistor is built in.
Pulled up
38
*SEG1
O
Segment output (1). A pull-up resistor is built in.
Pulled up
39
VSS
Digital system ground. This pin must be connected to 0 V.
40
NC
Unused pin. This pin must be left open.
41
*DIG2
O
Common driver output (2). A pull-up resistor is built in.
Pulled up
42
*DIG1
O
Common driver output (1). A pull-up resistor is built in.
Pulled up
43
*PROG
O
Program operation monitor. A pull-up resistor is built in.
Pulled up
44
*KEYI1
I
Key matrix input (1). A pull-up resistor is built in.
45
NC
Unused pin. This pin must be left open.
46
NC
Unused pin. This pin must be left open.
47
*RANDOM
O
Random mode indicator output (Low: random mode, high: modes other than random mode.)
Hi-Z
Remote controller identifier input (3). This pin functions as an output pin set to the low level
48
RMTSL3
I/O
during resets (when the *RES pin is low) and for a few milliseconds after the *RES pin
Low output
switches to the high level. Therefore, applications that will set this pin high must connect an
external pull-up resistor to this pin.
Continued on next page.


Similar Part No. - LC78602NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7860N SANYO-LC7860N Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
More results

Similar Description - LC78602NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com