Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78620E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC78620E
Description  Compact Disc Player DSP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78620E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC78620E Datasheet HTML 1Page - Sanyo Semicon Device LC78620E Datasheet HTML 2Page - Sanyo Semicon Device LC78620E Datasheet HTML 3Page - Sanyo Semicon Device LC78620E Datasheet HTML 4Page - Sanyo Semicon Device LC78620E Datasheet HTML 5Page - Sanyo Semicon Device LC78620E Datasheet HTML 6Page - Sanyo Semicon Device LC78620E Datasheet HTML 7Page - Sanyo Semicon Device LC78620E Datasheet HTML 8Page - Sanyo Semicon Device LC78620E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Note: Due to the structure of this LSI, an identical voltage must be supplied to all the power supply pins.
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VSS = 0 V
No. 5130-3/34
LC78620E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.3 to VSS + 7.0
V
Maximum input voltage
VIN max
VSS – 0.3 to VDD + 0.3
V
Maximum output voltage
VOUT max
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD, XVDD, LVDD, RVDD, VVDD
4.5
5.5
V
DEFI, FZD, ASDACK, ASDFIN, ASDFIR, ASLRCK,
Input high level voltage
VIH (1)
COIN, RES, HFL, TES, SBCK, RWC, CQCK, TAI,
0.7 VDD
VDD
V
TEST1 to TEST5, DEMO, CS
VIH (2)
EFMIN
0.6 VDD
VDD
V
DEFI, FZD, ASDACK, ASDFIN, ASDFIR, ASLRCK,
Input low level voltage
VIL (1)
COIN, RES, HFL, TES, SBCK, RWC, CQCK, TAI,
0
0.3 VDD
V
TEST1 to TEST5, DEMO, CS
VIL (2)
EFMIN
0
0.4 VDD
V
Data setup time
tset up
COIN, RWC: Figure 1
400
ns
Data hold time
thold
COIN, RWC: Figure 1
400
ns
High level clock pulse width
tWøH
SBCK, CQCK: Figures 1, 2 and 3
400
ns
Low level clock pulse width
tWøL
SBCK, CQCK: Figures 1, 2 and 3
400
ns
Data read access time
tRAC
SQOUT, PW: Figures 2 and 3
0
400
ns
Command transfer time
tRWC
RWC: Figure 1
1000
ns
Subcode Q read enable time
tSQE
WRQ: Figure 2, with no RWC signal
11.2
ms
Subcode read cycle time
tsc
SFSY: Figure 3
136
µs
Subcode read enable time
tse
SFSY: Figure 3
400
ns
Input level
VIN (1)
EFMIN
1.0
Vp-p
VIN (2)
XIN: Input capacitor coupled
1.0
Vp-p
Operating frequency range
fop
EFMIN
10
MHz
Crystal oscillator frequency
fX (1)
XIN, XOUT: In 16M mode
16.9344
MHz
fX (2)
XIN, XOUT: In 32M mode
33.8688
MHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
IDD
30
45
mA
DEFI, EFMIN, FZD, ASDACK, ASDFIN, ASDFIR,
Input high level current
IIH (1)
ASLRCK, COIN, RES, HFL, TES, SBCK, RWC,
5
µA
CQCK: VIN = 5 V
IIH (2)
TAI, TEST1 to TEST5, DEMO, CS: VIN = VDD = 5.5 V
25
75
µA
DEFI, EFMIN, FZD, ASDACK, ASDFIN, ASDFIR,
Input low level current
IIL
ASLRCK, COIN, RES, HFL, TES, SBCK, RWC,
–5
µA
CQCK, TAI, TEST1 to TEST5, DEMO, CS: VIN = 0 V
EFMO, EFMO, CLV+, CLV, V/P, FOCS, PCK, FSEQ,
VOH (1)
TOFF, TGL, THLD, JP+, JP, EMPH, EFLG, FSX:
4
V
IOH = –1 mA
MUTEL, MUTER, LRCKO, DFORO, DFOLO, DACKO,
VOH (2)
TST10, LRSY, CK2, ROMXA, C2F, SBSY, PW, SFSY,
4
V
Output high level voltage
WRQ, SQOUT, TST11, 16M, 4.2M, CONT:
IOH = –0.5 mA
VOH (3)
LASER: IOH = –1 mA
4.6
V
VOH (4)
DOUT: IOH = –12 mA
4.5
V
VOH (5)
LCHP, RCHP, LCHN, RCHN: IOH = –1mA
3.0
4.5
V
Continued on next page.


Similar Part No. - LC78620E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Similar Description - LC78620E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com