Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO-401B Datasheet(PDF) 2 Page - Vectron International, Inc

Part # CO-401B
Description  Custom Hybrid TTL Clock Oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CO-401B Datasheet(HTML) 2 Page - Vectron International, Inc

  CO-401B Datasheet HTML 1Page - Vectron International, Inc CO-401B Datasheet HTML 2Page - Vectron International, Inc CO-401B Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCREEN TESTING OF ABOVE MODELS
SCREEN TEST
MIL-STD-883
METHOD
Standard
Options
CLASS
X
CLASS
D
CLASS
B
CLASS
S
Stabilization Bake
(150°C)
X
X
X
Class
S
screen
test
requirements
include
24
hour additional bake-out, 80
hour
additional
burn-in,
thermal shock, PIND test
and radiographic inspection
in
addition
to
Class
B
Screening. Has major cost
impact.
Seal Test
(Gross and Fine)
1014, Cond A2
X
X
X
Temperature Cycling
(Thermal Shock)
1010, Cond B
X
X
Burn-in, operating
160 hours @125°C
X
X
Acceleration
(5000g in Y1 axis)
2001, Cond A
X
Dimension in inches
Pinouts
Page 2 of 3
Vectron Products - Custom Hybrid TTL Clock Oscillators - CO-401
3/11/2009
http://www.vectron.com/products/xo/CO-401.htm


Similar Part No. - CO-401B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-402 VECTRON-CO-402 Datasheet
69Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-407 VECTRON-CO-407 Datasheet
61Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
   Helping Customers Innovate, Improve & Grow
More results

Similar Description - CO-401B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FA VECTRON-PX-4220-DAA-FA Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-21 RSG-HO-21 Datasheet
84Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
List of Unclassifed Man...
CO1 ETC-CO1 Datasheet
43Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 08-Mar-11
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
   Full Size Clock Oscillators TTL Compatible
Revision: 17-Jun-05
logo
Raltron Electronics Cor...
CO1 RALTRON-CO1 Datasheet
98Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com