Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78625E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC78625E
Description  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC78625E Datasheet HTML 1Page - Sanyo Semicon Device LC78625E Datasheet HTML 2Page - Sanyo Semicon Device LC78625E Datasheet HTML 3Page - Sanyo Semicon Device LC78625E Datasheet HTML 4Page - Sanyo Semicon Device LC78625E Datasheet HTML 5Page - Sanyo Semicon Device LC78625E Datasheet HTML 6Page - Sanyo Semicon Device LC78625E Datasheet HTML 7Page - Sanyo Semicon Device LC78625E Datasheet HTML 8Page - Sanyo Semicon Device LC78625E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Pin Assignment
No. 5502-3/35
LC78625E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.3 to +7.0
V
Maximum input voltage
VIN
VSS – 0.3 to VDD + 0.3
V
Maximum output voltage
VOUT
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD (1)
VDD, XVDD, LVDD, RVDD, VVDD :
3.0
5.5
V
Supply voltage
At normal playback speed
VDD (2)
VDD, XVDD, LVDD, RVDD, VVDD :
4.5
5.5
V
At 2
× playback speed
DEFI, FZD, ASDACK/P0, ASFIN/P1,
VIH (1)
ASDEPC/P2, ASLRCK/P3, COIN, RES, HFL,
0.7 VDD
VDD
V
Input high-level voltage
TES, SBCK, RWC, CQCK, TAI, TEST1 to
TEST5, DEMO, CS
VIH (2)
EFMIN
0.6 VDD
VDD
V
DEFI, FZD, ASDACK/P0, ASFIN/P1,
VIL (1)
ASDEPC/P2, ASLRCK/P3, COIN, RES, HFL,
0
0.3 VDD
V
Input low-level voltage
TES, SBCK, RWC, CQCK, TAI, TEST1 to
TEST5, DEMO, CS
VIL (2)
EFMIN
0
0.4 VDD
V
Data setup time
tSU
COIN, RWC : Figure 1
400
ns
Data hold time
tHD
COIN, RWC : Figure 1
400
ns
High-level clock pulse width
tWH
SBCK, CQCK : Figuires 1, 2 and 3
400
ns
Low-level clock pulse width
tWL
SBCK, CQCK : Figuires 1, 2 and 3
400
ns
Data read access time
tRAC
SQOUT, PW : Figuires 2 and 3
0
400
ns
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Continued on next page.


Similar Part No. - LC78625E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Similar Description - LC78625E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com