Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPZ4717 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPZ4717
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4717 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPZ4717 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4717 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPZ4678 THRU CMPZ4717
SURFACE MOUNT
LOW LEVEL
SILICON ZENER DIODE
350mW, 5% TOLERANCE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.5V MAX @ IF=100mA (for all types)
* ΔVZ=VZ @ 100µA MINUS VZ @ 10µA.
TYPE
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM REVERSE
LEAKAGE CURRENT
IR
@
VR
MAXIMUM
VOLTAGE
CHANGE*
ΔVZ
MAXIMUM
ZENER
CURRENT
IZM
VμA
μAV
V
mA
CMPZ4699
12
50
0.05
9.1
0.12
20.4
CMPZ4700
13
50
0.05
9.8
0.13
19.0
CMPZ4701
14
50
0.05
10.6
0.14
17.5
CMPZ4702
15
50
0.05
11.4
0.15
16.3
CMPZ4703
16
50
0.05
12.1
0.16
15.4
CMPZ4704
17
50
0.05
12.9
0.17
14.5
CMPZ4705
18
50
0.05
13.6
0.18
13.2
CMPZ4706
19
50
0.05
14.4
0.19
12.5
CMPZ4707
20
50
0.01
15.2
0.20
11.9
CMPZ4708
22
50
0.01
16.7
0.22
10.8
CMPZ4709
24
50
0.01
18.2
0.24
9.9
CMPZ4710
25
50
0.01
19.0
0.25
9.5
CMPZ4711
27
50
0.01
20.4
0.27
8.8
CMPZ4712
28
50
0.01
21.2
0.28
8.5
CMPZ4713
30
50
0.01
22.8
0.30
7.9
CMPZ4714
33
50
0.01
25.0
0.33
7.2
CMPZ4715
36
50
0.01
27.3
0.36
6.6
CMPZ4716
39
50
0.01
29.6
0.39
6.1
CMPZ4717
43
50
0.01
32.6
0.43
5.5
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode
2) No Connection
3) Cathode
MARKING CODE: CONSULT FACTORY
www.centr a lsemi.com
R8 (3-February 2010)


Similar Part No. - CMPZ4717

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4717 CENTRAL-CMPZ4717 Datasheet
92Kb / 2P
   350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
CMPZ4717 CENTRAL-CMPZ4717 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
More results

Similar Description - CMPZ4717

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B_10 Datasheet
401Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678 Datasheet
92Kb / 2P
   350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com