Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1001IJ5T Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TS1001IJ5T
Description  THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS1001IJ5T Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TS1001IJ5T Datasheet HTML 3Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 4Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 5Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 6Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 7Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 8Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 9Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 10Page - List of Unclassifed Manufacturers TS1001IJ5T Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS1001
Page 10
TS1001DS r1p0
RTFDS
Configuring the TS1001 as Nanowatt Analog
Comparator
Although optimized for use as an operational
amplifier, the TS1001 can also be used as a rail-to-
rail I/O comparator as illustrated in Figure 7.
External hysteresis can be employed to minimize the
risk of output oscillation. The positive feedback
circuit causes the input threshold to change when
the output voltage changes state. The diagram in
Figure 8 illustrates the TS1001’s analog comparator
hysteresis band and output transfer characteristic.
The design of an analog comparator using the
TS1001 is straightforward. In this application, a 1.5-
V power supply (VDD) was used and the resistor
divider network formed by RD1 and RD2 generated
a convenient reference voltage (VREF) for the circuit
at ½ the supply voltage, or 0.75V, while keeping the
current drawn by this resistor divider low. Capacitor
C1 is used to filter any extraneous noise that could
couple into the TS1001’s inverting input.
In this application, the desired hysteresis band was
set to 100mV (VHYB) with a desired high trip-point
(VHI) set at 1V and a desired low trip-point (VLO) set
at 0.9V.
Since the TS1001 is a very low supply current
amplifier (0.6µA, typical), it is desired that the design
of an analog comparator using the TS1001 should
also use as little current as practical. The first step in
the design, therefore, was to set the feedback
resistor R3:
R3 = 10MΩ
Calculating a value for R1 is given by the following
expression:
R1 = R3 x (VHYB/VDD)
Substituting VHYB = 100mV, VDD = 1.5V, and R3 =
10MΩ into the equation above yields:
R1 = 667kΩ
The following expression was then used to calculate
a value for R2:
R2 = 1/[VHI/(VREF x R1) – (1/R1) – (1/R3)]
Substituting VHI = 1V, VREF = 0.75V, R1 = 667kΩ,
and R3 = 10MΩ into the above expression yields:
R2 = 2.5MΩ
Printed Circuit Board Layout Considerations
Even though the TS1001 operates from a single
0.65V to 2.5V power supply and consumes very little
supply current, it is always good engineering
practice to bypass the power supplies with a 0.1μF
ceramic capacitor placed in close proximity to the
VDD and VSS (or GND) pins.
Good pcb layout techniques and analog ground
plane management improve the performance of any
analog circuit by decreasing the amount of stray
capacitance that could be introduced at the op amp's
inputs and outputs. Excess stray capacitance can
easily couple noise into the input leads of the op
amp and excess stray capacitance at the output will
add to any external capacitive load. Therefore, PC
board trace lengths and external component leads
should be kept a short as practical to any of the
TS1001’s package pins. Second, it is also good
engineering practice to route/remove any analog
ground plane from the inputs and the output pins of
the TS1001.
Figure 8: Analog Comparator Hysteresis Band and Output
Switching Points.
Figure 7: A NanoWatt Analog Comparator with User-
Programmable Hysteresis.


Similar Part No. - TS1001IJ5T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1001IJ5T TOUCHSTONE-TS1001IJ5T Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001IJ5T SILABS-TS1001IJ5T Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
More results

Similar Description - TS1001IJ5T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
Microchip Technology
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
   50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com