Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78628E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC78628E
Description  Compact Disc Player DSP with Built-in HDCD Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC78628E Datasheet HTML 1Page - Sanyo Semicon Device LC78628E Datasheet HTML 2Page - Sanyo Semicon Device LC78628E Datasheet HTML 3Page - Sanyo Semicon Device LC78628E Datasheet HTML 4Page - Sanyo Semicon Device LC78628E Datasheet HTML 5Page - Sanyo Semicon Device LC78628E Datasheet HTML 6Page - Sanyo Semicon Device LC78628E Datasheet HTML 7Page - Sanyo Semicon Device LC78628E Datasheet HTML 8Page - Sanyo Semicon Device LC78628E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Continued from preceding page.
• Buffers the demodulated EFM signal data in internal
RAM and compensates for ±4 frames of jitter due to
disc speed fluctuations.
• Performs unscrambling and deinterleaving by reordering
the demodulated EFM signal data to the stipulated order.
• Performs error detection and correction and flag
processing (C1: dual errors, C2: dual errors)
• The C2 flags are set based on the C1 flags and the result
of the C2 processing, and the signal is interpolated or
muted according to the C2 flags. Four-sample
interpolation is adopted in the interpolation circuit.
Linear (average value) interpolation is applied if up to
three consecutive errors are indicated by the C2 flags,
and muting at the zero level is applied if four or more
consecutive errors are indicated.
• Performs track jump, focus start, disc motor start/stop,
muting on/off, track count, and other operations by
executing 8- or 16-bit commands serially input from the
system microprocessor.
• Supports high-speed disc access operations based on
arbitrary track counts.
• Provides digital outputs.
• Built-in
Σ∆ D/A converter based on a third-order noise
shaper.
• Zero-cross muting
• Digital attenuator and deemphasis filter
• Support 2
× speed playback
• Bilingual function
• Built-in text decoder
• Five general-purpose I/O ports
Features
• 80-pin QFP package
• Fabricated in a silicon gate CMOS process
• 3.3 and 5 V power supply voltages
No. 6329-2/40
LC78628E
LRSY
C2F
ROMXA
LRCKI
BCKI
DATAI
DOUT
GAIN
HDCD
DFOLO
DACKO
LRCKO
DFORO
RWC
COIN
CQCK
SQOUT
WRQ
CS
TEST6
V/P
Slice level
control
Synchronization
EFM demodulation
CLV
digital servo
Subcode
separation
Q CRC
Microprocessor
interface
Servo
commander
I/O ports
Text
decoder
Crystal oscillator
System timing generator
1-bit DAC
MUX
M
U
X
HDCD
decoder
Interpolation
mute
2k
× 8bits
RAM
C1 and C2 error
detection and correction
flag processing
VCO
clock control
RAM address
generator
Bilingual
MUX, S–P
Digital
output
8·Fs HDCD
interpolation
filter
De-emphasis
attenuator
CLV–
CLV+
FSEQ
EFMIN
DEFI
A12795
Block Diagram


Similar Part No. - LC78628E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Similar Description - LC78628E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com