Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH3-100MA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH3-100MA
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 20 THRU 100 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH3-100MA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH3-100MA Datasheet HTML 1Page - Central Semiconductor Corp CMSH3-100MA Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSH3-20MA CMSH3-60MA
CMSH3-40MA CMSH3-100MA
SURFACE MOUNT
SILICON SCHOTTKY RECTIFIER
3 AMP, 20 THRU 100 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH3-20MA
Series 3.0 Amp Surface Mount Silicon Schottky Rectifier
is a high quality, well constructed, highly reliable
component designed for use in all types of commercial,
industrial, entertainment, computer, and automotive
applications. To order devices on 12mm Tape and Reel
(5000/13” Reel), add TR13 suffix to part number.
FEATURES:
• High current capability
• Flammability classification UL94V-0
• Superior lot to lot consistency
• Low cost
• High reliability
• “C” bend construction provides strain relief when
mounted on pc board
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CMSH3 CMSH3
CMSH3 CMSH3
-20MA
-40MA
-60MA -100MA
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
40
60
100
V
DC Blocking Voltage
VR
20
40
60
100
V
RMS Reverse Voltage
VR(RMS)
14
28
42
71
V
Average Forward Current (TL=75°C)
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
80
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
30
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
500
µA
IR
VR=Rated VRRM, TA=100°C
20
mA
VF
IF=3.0A (CMSH3-20MA, -40MA)
0.50
V
VF
IF=3.0A (CMSH3-60MA)
0.70
V
VF
IF=3.0A (CMSH3-100MA)
0.85
V
CJ
VR=4.0V, f=1.0MHz
280
pF
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
SMA CASE
R2 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMSH3-100MA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH3-100MA CENTRAL-CMSH3-100MA Datasheet
145Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS
CMSH3-100MA CENTRAL-CMSH3-100MA Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results

Similar Description - CMSH3-100MA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH3-20M CENTRAL-CMSH3-20M_10 Datasheet
296Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 20 THRU 100 VOLTS
CMSH3-20 CENTRAL-CMSH3-20_10 Datasheet
279Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 20 THRU 100 VOLTS
CMSH3-20 CENTRAL-CMSH3-20_12 Datasheet
282Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 20 THRU 100 VOLTS
CMSH2-20M CENTRAL-CMSH2-20M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 20 THRU 100 VOLTS
CMSH1-20 CENTRAL-CMSH1-20_10 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
CMMSH1-20 CENTRAL-CMMSH1-20_10 Datasheet
283Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
CMSH2-20 CENTRAL-CMSH2-20_10 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 20 THRU 100 VOLTS
CMSH5-20 CENTRAL-CMSH5-20_10 Datasheet
279Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 5 AMP, 20 THRU 100 VOLTS
CMSH3-100MHV CENTRAL-CMSH3-100MHV Datasheet
292Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 100 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com