Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSZ5222B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMSZ5222B
Description  SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZ5222B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMSZ5222B Datasheet HTML 1Page - Central Semiconductor Corp CMSZ5222B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMSZ5221B THRU CMSZ5261B
SURFACE MOUNT
SILICON ZENER DIODE
275mW, 2.4 THRU 47 VOLTS
5% TOLERANCE
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM
ZENER
IMPEDANCE
ZZK @ IZK
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
TEMPERATURE
COEFFICIENT
ΘVZ
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
Ω
Ω
mA
μA
V
%/°C
CMSZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
8VC
CMSZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
8WC
CMSZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
8XC
CMSZ5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
8YC
CMSZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
8ZC
CMSZ5250B
19
20
21
6.2
25
600
0.25
0.1
15
+0.086
1A8
CMSZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
1B8
CMSZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
1C8
CMSZ5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
1D8
CMSZ5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
1E8
CMSZ5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
1F8
CMSZ5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
1G8
CMSZ5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
1H8
CMSZ5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
1J8
CMSZ5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
1K8
CMSZ5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
1L8
CMSZ5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
1M8
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
SOT-323 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode
2) No Connection
3) Cathode
www.centr a lsemi.com
R4 (9-February 2010)


Similar Part No. - CMSZ5222B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZ5222B CENTRAL-CMSZ5222B Datasheet
164Kb / 2P
   250 mW ZENER DIODE 5% TOLERANCE
CMSZ5222B CENTRAL-CMSZ5222B Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMSZ5222B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMSZDA2V4 CENTRAL-CMSZDA2V4_10 Datasheet
479Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMXZ2V4TO CENTRAL-CMXZ2V4TO Datasheet
103Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com