Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4726 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP4726
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 4Page - Microchip Technology MCP4726 Datasheet HTML 5Page - Microchip Technology MCP4726 Datasheet HTML 6Page - Microchip Technology MCP4726 Datasheet HTML 7Page - Microchip Technology MCP4726 Datasheet HTML 8Page - Microchip Technology MCP4726 Datasheet HTML 9Page - Microchip Technology MCP4726 Datasheet HTML 10Page - Microchip Technology MCP4726 Datasheet HTML 11Page - Microchip Technology MCP4726 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 8
© 2011 Microchip Technology Inc.
1.1
I2C Mode Timing Waveforms and Requirements
FIGURE 1-1:
Power-On and Brown-Out Reset Waveforms.
FIGURE 1-2:
I2C Power-Down Command Timing.
TABLE 1-1:
RESET TIMING
Timing Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Up Reset
Delay
tPORD
60
µs
Monitor ACK bit response to ensure device
responds to command.
Brown Out Reset
Delay
tBORD
—1
µs
VDD transitions from VDD(MIN) → > VPOR
VOUT driven to VOUT disabled
Power Down Disable
Time Delay
TPDD
—2.5
µs
VDD = 5V
PD1:PD0
→ ‘00’ (from ‘01’, ‘10’, or ‘11’),
from falling edge SCL at end of ACK bit.
—5
µs
VDD = 3V
PD1:PD0
→ ‘00’ (from ‘01’, ‘10’, or ‘11’),
from falling edge SCL at end of ACK bit.
Power Down Enable
Time Delay
TPDE
10.5
µs
PD1:PD0
→ ‘01’, ‘10’, or ‘11’ (from ‘00’),
from falling edge SCL at end of ACK bit.
VDD
SDA
tPORD
tBORD
VOUT
SCL
VIH
VIH
VPOR (VBOR)
VOUT pulled down by internal
500 k
Ω (typical) resistor
I2C Interface is operational
SDA
SCL
ACK
Stop
Start
ACK
VOUT
tPDE
tPDD


Similar Part No. - MCP4726

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4726 MICROCHIP-MCP4726 Datasheet
1Mb / 70P
   6-Bit Volatile DAC with Command Code
11/29/11
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
More results

Similar Description - MCP4726

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
   8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Microchip Technology
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com