Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMUDM8004 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMUDM8004
Description  SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUDM8004 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMUDM8004 Datasheet HTML 1Page - Central Semiconductor Corp CMUDM8004 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATING: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current
ID
450
mA
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR VGS=8.0V, VDS=0
3.0
μA
IDSS
VDS=30V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=100μA
30
V
VGS(th)
VDS=VGS, ID=250μA
0.5
1.0
V
VSD
VGS=0, IS=100mA
1.1
V
rDS(ON)
VGS=4.5V, ID=430mA
1.1
Ω
rDS(ON)
VGS=2.5V, ID=200mA
2.0
Ω
rDS(ON)
VGS=1.8V, ID=100mA
3.3
Ω
Qg(tot)
VDS=10V, VGS=4.5V, ID=1.0A
0.880
nC
Qgs
VDS=10V, VGS=4.5V, ID=1.0A
0.384
nC
Qgd
VDS=10V, VGS=4.5V, ID=1.0A
0.128
nC
gFS
VDS =10V, ID=100mA
200
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
10
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
55
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
15
pF
CMUDM8004
SURFACE MOUNT
P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMUDM8004
is an Enhancement-mode P-Channel Field Effect
Transistor, manufactured by the P-Channel DMOS
Process, designed for high speed pulsed amplifier and
driver applications. This MOSFET offers Low rDS(on)
and Low Theshold Voltage.
MARKING CODE: 84C
FEATURES:
• ESD Protection up to 2kV
• Low rDS(on)
• Low Threshold Voltage
• Logic Level Compatible
• Small, SOT-523 Surface Mount Package
• Complimentary N-Channel MOSFET: CMUDM7004
APPLICATIONS:
• Load/Power Switches
• Power Supply Converter Circuits
• Battery Powered Portable Devices
• Devices are Halogen Free by design
SOT-523 CASE
R1 (7-December 2010)
www.centra lsemi.com


Similar Part No. - CMUDM8004

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUDM8004 CENTRAL-CMUDM8004_15 Datasheet
399Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CMUDM8004

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8120TG CENTRAL-CMLDM8120TG_15 Datasheet
530Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004 CENTRAL-CEDM8004_12 Datasheet
457Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CXDM4060P CENTRAL-CXDM4060P_15 Datasheet
854Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004VL CENTRAL-CEDM8004VL Datasheet
956Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM302PH CENTRAL-CMPDM302PH Datasheet
349Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM8005 CENTRAL-CMUDM8005_13 Datasheet
837Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120 CENTRAL-CMLDM8120_15 Datasheet
532Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM202PH CENTRAL-CMPDM202PH_15 Datasheet
353Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7590 CENTRAL-CTLDM7590_15 Datasheet
1Mb / 3P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8002A-M621 CENTRAL-CTLDM8002A-M621_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CWDM305P CENTRAL-CWDM305P_15 Datasheet
652Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com