Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78711E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC78711E
Description  Graphics Display Processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78711E Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC78711E Datasheet HTML 2Page - Sanyo Semicon Device LC78711E Datasheet HTML 3Page - Sanyo Semicon Device LC78711E Datasheet HTML 4Page - Sanyo Semicon Device LC78711E Datasheet HTML 5Page - Sanyo Semicon Device LC78711E Datasheet HTML 6Page - Sanyo Semicon Device LC78711E Datasheet HTML 7Page - Sanyo Semicon Device LC78711E Datasheet HTML 8Page - Sanyo Semicon Device LC78711E Datasheet HTML 9Page - Sanyo Semicon Device LC78711E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
No. 5476-6/43
LC78711E
Continued from preceding page.
Pin no.
Pin
Pin type
I/O
Polarity
Pin function
51
TEST12
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
52
PALID
PAL mode external control input
I
Positive
External superimpose function control input for PAL mode
(A pull-up resistor is built in.)
53
HRESET
External horizontal
I
Negative
External horizontal synchronization timing control input
synchronization input
Subcarrier clock output
54
FSCO
Clock output
O
Positive
NTSC mode: 3.579545 MHz
PAL mode: 4.433619 MHz
55
VRESET
External vertical
I
Negative
External vertical synchronization timing control input
synchronization input
56
INIT
Initialization input
I
Negative
System initialization signal input
57
RESET
Reset input
I
Negative
System reset signal input
58
N/P1
NTSC/PAL selection
I
Positive
NTSC/PAL selection input (RGB encoder block)
High: NTSC, low: PAL
59
N/P2
NTSC/PAL selection
I
Positive
NTSC/PAL selection input (decoder block)
High: NTSC, low: PAL
60
SON
Superimpose control
I
Positive
Superimpose function on/off control input
High: superimpose on
61
XIN2
Crystal oscillator element
I
Connections for the PAL crystal oscillator element
62
XOUT2
connections
O
(4·fsc = 17.734476 MHz)
63
XIN1
Crystal oscillator element
I
Connections for the NTSC crystal oscillator element
64
XOUT1
connections
O
(4·fsc = 14.31818 MHz)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Random read/write cycle
tRC
250
ns
Page mode cycle
tPC
130
ns
RAS access time
tRAC
210
ns
CAS access time
tCAC
10
ns
Output turn off delay
tOFF
20
ns
RAS precharge time
tRP
100
ns
RAS pulse width
tRAS
120
ns
RAS pulse width (page mode)
tRASP
18000
ns
RAS hold time
tRSH
60
ns
CAS hold time
tCSH
120
ns
CAS pulse width
tCAS
60
ns
CAS precharge time
tCPN
50
ns
CAS precharge time
tCP
Page mode
50
ns
Row address setup time
tASR
100
ns
Row address hold time
tRAH
50
ns
Column address setup time
tASC
0
ns
Column address hold time
tCAH
50
ns
Read command setup time
tRCS
150
ns
Read command hold time
tRCH
Referenced to CAS
120
ns
Read command hold time
tRRH
Referenced to RAS
120
ns
Write command setup time
tWCS
100
ns
Write command hold time
tWCH
50
ns
Write command pulse width
tWP
150
ns
Write data setup time
tDS
100
ns
Write data setup time
tDH
100
ns
CAS setup time
tCSR
CAS before RAS
50
ns
CAS hold time
tCHR
CAS before RAS
50
ns
RAS precharge CAS active time
tRPC
50
ns
Refresh time
tREF
3.5
ms
Timing Characteristics (DRAM access timing) at Ta = +25°C, DVDD1 = 5 V


Similar Part No. - LC78711E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7871NE SANYO-LC7871NE Datasheet
427Kb / 19P
   CD Graphics Decoder
More results

Similar Description - LC78711E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
logo
Texas Instruments
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
List of Unclassifed Man...
GOLDELOX ETC-GOLDELOX Datasheet
4Mb / 25P
   Embedded Graphics Processor
logo
Texas Instruments
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com