Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMXD4448 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXD4448
Description  SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXD4448 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXD4448_10 Datasheet HTML 1Page - Central Semiconductor Corp CMXD4448_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMXD4448
SURFACE MOUNT
TRIPLE ISOLATED
HIGH SPEED
SILICON SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMXD4448
type contains three (3) Isolated High Speed Silicon
Switching Diodes, manufactured by the epitaxial planar
process, epoxy molded in a SUPERmini™ surface
mount package, and designed for applications requiring
high speed switching.
MARKING CODE: X48
SOT-26 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
75
V
Peak Repetitive Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
250
mA
Peak Repetitive Forward Current
IFRM
500
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=20V
25
nA
BVR
IR=5.0μA
75
V
BVR
IR=100μA
100
V
VF
IF=100mA
1.0
V
CT
VR=0, f=1.0MHz
4.0
pF
trr
IR=IF=10mA, Irr=1.0mA, RL=100Ω
4.0
ns
R5 (12-February 2010)
www.centra lsemi.com


Similar Part No. - CMXD4448_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODES
More results

Similar Description - CMXD4448_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKD4448 CENTRAL-CMKD4448_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448 Datasheet
124Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMXD2004 CENTRAL-CMXD2004_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD4448 CENTRAL-CMLD4448_10 Datasheet
582Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED HIGH SPEED SILICON SWITCHING DIODES
BAS28 CENTRAL-BAS28_10 Datasheet
430Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED HIGH SPEED SILICON SWITCHING DIODES
BAW100 CENTRAL-BAW100 Datasheet
449Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMXD2004TO CENTRAL-CMXD2004TO_10 Datasheet
496Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED OPPOSING HIGH VOLTAGE SILICON SWITCHING DIODES
CMXD6001 CENTRAL-CMXD6001_10 Datasheet
557Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMKD6001 CENTRAL-CMKD6001_10 Datasheet
498Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMLD4448 CENTRAL-CMLD4448 Datasheet
88Kb / 2P
   SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com