Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP304 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP304
Description  Small Signal Transistor NPN - High Current Transistor Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP304 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP304 Datasheet HTML 1Page - Central Semiconductor Corp CP304 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEOMETRY
PROCESS DETAILS
PRINCIPAL DEVICE TYPES
MPSA05
MPSA06
GROSS DIE PER 4 INCH WAFER
22,400
PROCESS CP304
Small Signal Transistor
NPN - High Current Transistor Chip
Process
EPITAXIAL PLANAR
Die Size
22 x 22 MILS
Die Thickness
9.0 MILS
Base Bonding Pad Area
5.7 x 3.9 MILS
Emitter Bonding Pad Area
5.3 x 3.9 MILS
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Au - 18,000Å
www.centra lsemi.com
R4 (22-March 2010)


Similar Part No. - CP304

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP304 PANJIT-CP304 Datasheet
62Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
CP304 TRSYS-CP304 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
Power-One
CP3040-7R POWER-ONE-CP3040-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
logo
Schneider Electric
CP30410 SCHNEIDER-CP30410 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 400A
logo
CUI INC
CP30444 CUI-CP30444 Datasheet
1Mb / 9P
   PELTIER MODULE
10/18/2019
More results

Similar Description - CP304

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP305 CENTRAL-CP305_10 Datasheet
476Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP305 CENTRAL-CP305 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP314 CENTRAL-CP314 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP314 CENTRAL-CP314_08 Datasheet
228Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP353V CENTRAL-CP353V Datasheet
71Kb / 1P
   Small Signal Transistors NPN - High Current Transistor Chip
CP353V CENTRAL-CP353V_10 Datasheet
415Kb / 2P
   Small Signal Transistors NPN - High Current Transistor Chip
CP714 CENTRAL-CP714 Datasheet
210Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP705 CENTRAL-CP705 Datasheet
211Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP705 CENTRAL-CP705_10 Datasheet
476Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP720 CENTRAL-CP720 Datasheet
216Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com