Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLZ-17 Datasheet(PDF) 1 Page - Protek Devices

Part # DLZ-17
Description  High powered multi-line tvs array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DLZ-17 Datasheet(HTML) 1 Page - Protek Devices

  DLZ-17 Datasheet HTML 1Page - Protek Devices DLZ-17 Datasheet HTML 2Page - Protek Devices DLZ-17 Datasheet HTML 3Page - Protek Devices DLZ-17 Datasheet HTML 4Page - Protek Devices DLZ-17 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05008.R9 2/11
Page 1
DLZ-5 - DLZ-30CA
HigH PoweReD muLti-Line tvs ARRAy
DesCRiPtion
The DLZ Series of silicon transient voltage suppressors (TVS) are available in a ceramic, hermetically sealed dual-in-line
package. This series is designed to protect aerospace, standard TTL and MOS bus lines in applications where NEMP,
ESD and other induced voltage surges can damage or upset voltage sensitive circuitry.
The DLZ Series has a peak pulse power rating of 1,300 Watts for an 8/20µs waveshape. This devices meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeAtuRes
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• MIL-STD-461 Compatible
• Satisfies Military NEMP Requirements
• 1,300 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional & Bidirectional Configurations
• ESD Protection > 25 kilovolts
• Internal Common Ground
• Available in Multiple Voltages
• Protects up to 15 Lines
• RoHS Compliant
• REACH Compliant
APPLiCAtions
• Military & Aerospace Data Line Protection
• RS-232 & RS-423 Data Lines
• Microprocessor Based Equipment
• Multiple Data & Power Bus Line Protection
meCHAniCAL CHARACteRistiCs
• Hermetically Sealed Ceramic 16 Pin Dual-In-Line (DIP) Package
• Approximate Weight: 3.2 grams
• Flammability Rating UL 94V-0
• Screening Per MIL-PRF-19500 Available Upon Request:
H1 - 100 % Screening (Test Plans 05227 & 05229)
H2 - 100% Screening (05228 & 05230)
• Screening to DESC Drawing 94029 (Bidirectional) and 94030 (Unidi-
rectional)
Pin ConFiguRAtions
16 Pin CDiP PACkAge
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - DLZ-17

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DLZ-17 PROTEC-DLZ-17 Datasheet
97Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-17 PROTEC-DLZ-17 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-17A PROTEC-DLZ-17A Datasheet
97Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-17A PROTEC-DLZ-17A Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - DLZ-17

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com