Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78857V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC78857V
Description  Digital Audio D/A Converter IC with On-Chip Digital Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78857V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC78857V Datasheet HTML 1Page - Sanyo Semicon Device LC78857V Datasheet HTML 2Page - Sanyo Semicon Device LC78857V Datasheet HTML 3Page - Sanyo Semicon Device LC78857V Datasheet HTML 4Page - Sanyo Semicon Device LC78857V Datasheet HTML 5Page - Sanyo Semicon Device LC78857V Datasheet HTML 6Page - Sanyo Semicon Device LC78857V Datasheet HTML 7Page - Sanyo Semicon Device LC78857V Datasheet HTML 8Page - Sanyo Semicon Device LC78857V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
No. 5537-4/11
LC78857V
Pin Assignment
Pin Functions
Pin No.
Symbol
Function
1
AVDDL
Analog system power supply (left channel)
2
OUTL
Analog output (left channel)
3
AGNDL
Analog system ground (left channel)
4
NC
No Connection
5
6
MODE
Serial/parallel input mode selection
7
SH/EMP
When MODE is low: Control data shift signal (serial mode)
When MODE is high: Emphasis on/off switching (parallel mode)
8
LAT/ND
When MODE is low: Control data latch signal (serial mode)
When MODE is high: normal speed/double speed switching (parallel mode)
9
DAT/MT
When MODE is low: Control data input (serial mode)
When MODE is high: Soft muting control input (parallel mode)
10
BCLK
Bit clock input
11
DATA
Digital audio data input
12
DGND
Digital system ground
13
DVDD
Digital system power supply
14
LRCK
LR clock input
15
XIN
Crystal oscillator element input
16
XOUT
Crystal oscillator element output
17
CKO
Clock output (384fs)
18
INITB
Initialization signal input (The IC internal state is initialized on a low input.)
19
TEST
Test pin (This pin must be connected to DGND during normal operation.)
20
NC
No Connection
21
22
AGNDR
Analog system ground (right channel)
23
OUTR
Analog output (right channel)
24
AVDDR
Analog system power supply (right channel)


Similar Part No. - LC78857V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78850Q SANYO-LC78850Q Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78855 SANYO-LC78855 Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78856 SANYO-LC78856 Datasheet
177Kb / 8P
   Built-in Digital Filter D/A Converters for Digital Audio
More results

Similar Description - LC78857V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
   Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com