Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7930NW Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC7930NW
Description  LCD Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7930NW Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC7930NW Datasheet HTML 1Page - Sanyo Semicon Device LC7930NW Datasheet HTML 2Page - Sanyo Semicon Device LC7930NW Datasheet HTML 3Page - Sanyo Semicon Device LC7930NW Datasheet HTML 4Page - Sanyo Semicon Device LC7930NW Datasheet HTML 5Page - Sanyo Semicon Device LC7930NW Datasheet HTML 6Page - Sanyo Semicon Device LC7930NW Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LCD Drivers
Overview
The LC7930N, 7930NW are CMOS LSIs which incorporate
20-bit shift register, latch, and two sets of 20 LCD drivers.
They also have two switching pins: one of them (channel 2)
can be used as a scan-line driver (back plate) and the other
(channel 1) as a segment driver. They are optimal for LCD
interface with microcontroller (4 or 8 bits) or dot matrix
controller circuit incorporating character generator.
Features
.
Two channels of 20 output segment drivers
.
The configuration of 20 output segment drivers + 20
scanning terminal drivers available
.
A series data to connect with the microcontroller and three
control signals
.
Able to be connected in series for large display
.
Built-in bidirectional shift register can be shifted in the
direction that makes wiring easy
.
Operating supply voltage/ Operating temperature:
VDD = 4.5 to 5.5 V / Topr = –20 to +75°C
.
Operating current drain : IDD = 1.0 mA max
(Logic = 400 kHz, LCD = 1 kHz)
.
Package : Pin 60 Flat LC7930N : QIP60
Pin 64 Flat LC7930NW : SQFP64
Package Dimensions
unit : mm
3055A-QFP60C
[LC7930N]
SANYO : QIP60C
unit : mm
3190-SQFP64
[LC7930NW]
SANYO : SQFP64
Ordering number: EN2778C
CMOS LSI
LC7930N, 7930NW
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
13097HA(II)/12593JN/6031JN/6218TA,TS No.2778-1/7


Similar Part No. - LC7930NW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7931 SANYO-LC7931 Datasheet
148Kb / 8P
   80-Channel Liquid-crystal Display Driver
LC7931D SANYO-LC7931D Datasheet
148Kb / 8P
   80-Channel Liquid-crystal Display Driver
LC7932 SANYO-LC7932 Datasheet
104Kb / 5P
   16-bit LED Driver
LC7932M SANYO-LC7932M Datasheet
104Kb / 5P
   16-bit LED Driver
LC7935AN SANYO-LC7935AN Datasheet
91Kb / 5P
   General-Purpose 32-Bit Shift Register Latch Driver
More results

Similar Description - LC7930NW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
   LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
   LCD drivers
Rev. 3 - 6 May 2015
PCF2112CT PHILIPS-PCF2112CT Datasheet
147Kb / 24P
   LCD drivers
1997 Mar 28
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
   LCD controllers/drivers
2003 Jan 30
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
   LCD controllers/drivers
2001 Dec 19
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
   LCD Display Drivers
logo
NXP Semiconductors
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
   LCD controller/drivers
1997 Apr 07
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
   LCD controller/drivers
1997 Apr 07
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
   LCD controllers/drivers
1998 May 11
PCF2116CU NXP-PCF2116CU Datasheet
277Kb / 64P
   LCD controller/drivers
1997 Apr 07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com