Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC82104 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC82104
Description  Color Image Processing IC for Fax and Scanner Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82104 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC82104 Datasheet HTML 1Page - Sanyo Semicon Device LC82104 Datasheet HTML 2Page - Sanyo Semicon Device LC82104 Datasheet HTML 3Page - Sanyo Semicon Device LC82104 Datasheet HTML 4Page - Sanyo Semicon Device LC82104 Datasheet HTML 5Page - Sanyo Semicon Device LC82104 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pin Functions
No. 5685-4/6
LC82104
typ
I
Input
B
Bidirection
NC
Not connected
O
Output
P
Power
Pin No.
Pin
I/O
Function
1
DVDD
P
Digital system power supply
2
D7
B
3
D6
B
4
D5
B
5
D4
B
6
D3
B
7
D2
B
8
D1
B
9
D0
B
10
DGND
P
Digital system ground
11
DVDD
P
Digital system power supply
12
A12
I
13
A11
I
14
A10
I
15
A9
I
16
A8
I
17
A7
I
18
A6
I
19
A5
I
20
A4
I
21
A3
I
22
A2
I
23
A1
I
24
A0
I
25
CS
I
CPU interface chip select
26
RD
I
CPU interface read signal
27
WR
I
CPU interface write signal
28
REF
I
DRAM refresh signal input
29
TRIG
I
External read signal input
30
RESET
I
System reset
31
SCK7
O
32
SCK6
O
33
SCK5
O
34
SCK4
O
35
SCK3
O
36
SCK2
O
37
SCK1
O
38
DGND
P
Digital system ground
39
CLKIN
I
System clock input
40
DGND
P
Digital system ground
41
DVDD
P
Digital system power supply
42
FSAMP
O
Floating data sampling point monitor signal output
43
SSAMP
O
Signal data sampling point monitor signal output
44
AGND
P
Analog system ground
45
AVDD
P
Analog system power supply
46
ATAPH
O
A/D converter high-level reference analog output
47
ATAPM
O
A/D converter mid-level reference analog output
48
AGND
P
Analog system ground
49
ATAPL
O
A/D converter low-level reference analog output
50
CTAP
O
Analog clamp analog output
CPU interface data bus
D7 is the MSB, D0 is the LSB.
CPU interface address bus
A12 is the MSB, A0 is the LSB.
Sensor driver signal outputs
Continued on next page.


Similar Part No. - LC82104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
   Image Processing Circuit for FAX, Copier, and OCR Products
LC82102 SANYO-LC82102 Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82102W SANYO-LC82102W Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
   Image-Processing IC for Facsimile, Copier, and OCR Products
More results

Similar Description - LC82104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8211 SANYO-LC8211 Datasheet
142Kb / 7P
   Halftone Processing IC for Fax, Copier and Scanner
LC82102 SANYO-LC82102 Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
   Image Processing Circuit for FAX, Copier, and OCR Products
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
   Color image sensor heads for High-speed Scanner
logo
Sanyo Semicon Device
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
   Image-Processing IC for Facsimile, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
   Color Contact Image Sensor Heads for High-speed Scanner
logo
Texas Instruments
LM9833 TI1-LM9833 Datasheet
690Kb / 44P
[Old version datasheet]   48-Bit Color, 1200dpi USB Image Scanner
logo
National Semiconductor ...
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com