Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R064D Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48R064D
Description  Enhanced I/O Type MCU with High Current LED Driver
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R064D Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48R064D Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R064D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
Timer/Event Counters .......................................................................43
Configuring the Timer/Event Counter Input Clock Source .....................................43
Timer Registers
- TMR0, TMR1 ...........................................................................43
Timer Control Registers
- TMR0C, TMR1C..........................................................45
Timer Mode ..........................................................................................................46
Event Counter Mode.............................................................................................47
Pulse Width Capture Mode...................................................................................47
Prescaler ..............................................................................................................48
PFD Function .......................................................................................................48
I/O Interfacing.......................................................................................................49
Timer Program Example.......................................................................................50
Time Base ..........................................................................................50
Interrupts............................................................................................51
Interrupt Register..................................................................................................51
Interrupt Operation ...............................................................................................51
Interrupt Priority.....................................................................................................53
External Interrupt ..................................................................................................53
Timer/Event Counter Interrupt ..............................................................................55
Time Base Interrupt ..............................................................................................55
Programming Considerations ...............................................................................56
SCOM Function for LCD ...................................................................56
LCD Operation .....................................................................................................56
LCD Bias Control..................................................................................................57
Configuration Options ......................................................................58
Application Circuits ..........................................................................58
Instruction Set ...................................................................................59
Introduction ..........................................................................................................59
Instruction Timing .................................................................................................59
Moving and Transferring Data ..............................................................................59
Arithmetic Operations ...........................................................................................59
Logical and Rotate Operations .............................................................................59
Branches and Control Transfer.............................................................................60
Bit Operations.......................................................................................................60
Table Read Operations.........................................................................................60
Other Operations..................................................................................................60
Instruction Set Summary ......................................................................................61
Instruction Definition ........................................................................63
Contents
iii


Similar Part No. - HT48R064D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R064 HOLTEK-HT48R064 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064 HOLTEK-HT48R064 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064B HOLTEK-HT48R064B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064B HOLTEK-HT48R064B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
More results

Similar Description - HT48R064D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
   Enhanced I/O Type MCU with OPA
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
HT46R064D HOLTEK-HT46R064D Datasheet
777Kb / 114P
   Enhanced A/D Type MCU with High Current LED Driver
HT48R54A HOLTEK-HT48R54A Datasheet
272Kb / 40P
   I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
HT48R52A HOLTEK-HT48R52A Datasheet
258Kb / 36P
   I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
HT68F13 HOLTEK-HT68F13 Datasheet
2Mb / 161P
   Enhanced I/O Flash Type MCU
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
   Enhanced I/O Flash Type MCU
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
HT48R54A HOLTEK-HT48R54A_10 Datasheet
283Kb / 39P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R52A HOLTEK-HT48R52A_10 Datasheet
252Kb / 35P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com