Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7939 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7939
Description  High Current and Performance White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7939_10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939_10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
Pin Assignment
Pin Description
Pin No.
Pin Name
Description
1
SW
Switching pin. Internal power MOSFET drain. Connected to inductor and diode.
2
GND
Signal Ground.
3FB
Feedback pin. Reference voltage. The HT7939 feedback voltage is 200mV. Connect the
sense resistor from FB to GND to set the LED current. Calculate resistor value according to
R
mV
I
FB
LED
=
200
.
4EN
Shutdown & Dimming control input. Don
¢t allow this pin to float.
5
OVP
Over voltage protection pin which is connected to the output.
6
VIN
Input supply pin. The input supply pin for the IC. Connect VIN to a supply voltage between
2.6V~5.5V.
HT7939
Rev 1.30
2
November 9, 2010
S W
G N D
T o p V i e w
V I N
E N
F B
1
2
3
4
6
5
O V P
S O T 2 3 - 6
32V


Similar Part No. - HT7939_10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
   High Current and Performance White LED Driver
More results

Similar Description - HT7939_10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
   High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
   High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939 Datasheet
714Kb / 13P
   High Current and Performance White LED Driver
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
   High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
   High Current and Performance White LED Driver
logo
Lowpower Semiconductor ...
LP3359 POWER-LP3359 Datasheet
411Kb / 9P
   High performance, Current Source For Parallel White-LED Driver
logo
Holtek Semiconductor In...
HT7938A HOLTEK-HT7938A Datasheet
2Mb / 13P
   Performance White LED Driver
HT7939A HOLTEK-HT7939A Datasheet
3Mb / 13P
   Performance White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com