Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXT3150 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CXT3150
Description  SURFACE MOUNT NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT3150 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CXT3150_10 Datasheet HTML 1Page - Central Semiconductor Corp CXT3150_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CXT3150
SURFACE MOUNT
NPN SILICON POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT3150 type is
a NPN Silicon Power Transistor manufactured by the
epitaxial planar process, epoxy molded in a surface
mount package, designed for high current, high gain,
fast switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
5.0
A
Continuous Base Current
IB
1.0
A
Power Dissipation
PD
1.2
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=50V
1.0
µA
IEBO
VEB=7.0V
1.0
µA
BVCEO
IC=10mA
25
V
VCE(SAT)
IC=3.0A, IB=150mA
0.5
V
VCE(SAT)
IC=4.0A, IB=200mA
0.6
V
VBE(SAT)
IC=3.0A, IB=150mA
1.10
V
VBE(SAT)
IC=4.0A, IB=200mA
1.40
V
hFE
VBE=2.0V, IC=500mA
250
550
hFE
VCE=2.0V, IC=2.0A
150
hFE
VCE=2.0V, IC=5.0A
50
fT
VCE=6.0V, IC=50mA, f=200MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
50
pF
SOT-89 CASE
R6 (23-February 2010)
www.centra lsemi.com


Similar Part No. - CXT3150_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT3150 CENTRAL-CXT3150_15 Datasheet
358Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
More results

Similar Description - CXT3150_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT3150 CENTRAL-CZT3150 Datasheet
76Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CJD47 CENTRAL-CJD47_10 Datasheet
425Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3090L CENTRAL-CXT3090L_15 Datasheet
360Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT5338 CENTRAL-CZT5338_10 Datasheet
603Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3150 CENTRAL-CXT3150_15 Datasheet
358Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT3150 CENTRAL-CZT3150_15 Datasheet
602Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT3150 CENTRAL-CZT3150_10 Datasheet
602Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3150 CENTRAL-CXT3150 Datasheet
86Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT5338 CENTRAL-CZT5338_15 Datasheet
603Kb / 2P
   SURFACE MOUNT NPN SILICON POWER TRANSISTOR
logo
Guangdong Kexin Industr...
KZT122 KEXIN-KZT122 Datasheet
38Kb / 1P
   Surface Mount NPN Silicon Power Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com