Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPC1R0MF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJPC1R0MF
Description  High Power Types PF, PE, PC, PA, PB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC1R0MF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJPC1R0MF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC1R0MF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC1R0MF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC1R0MF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC1R0MF Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Chip Inductors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
5. High Power Types PF, PE, PC, PA, PB
n Type 1005(0402)PF
0.2
0.2
1.0
0.5
ELJPF2N2DF
2.2
5300
0.04
1900
ELJPF2N7DF
2.7
5300
0.05
1800
ELJPF3N3DF
3.3
± 0.3 nH
5000
0.07
1500
ELJPF3N9DF
3.9
4800
0.08
1400
ELJPF4N7DF
4.7
7
100
4600
0.10
1300
ELJPF5N6DF
5.6
4200
0.12
1200
ELJPF6N8JF
6.8
4000
0.16
1100
ELJPF8N2JF
8.2
± 0.5 %
3700
0.21
900
ELJPF10NJF
10.0
3200
0.26
750
1.5 to 1.7
0.5 to 0.6
n Examples
(nH)
Tolerance
]1 : Self Resonant Frequency ]2 : DC Resistance
Q
min.
SRF ]1
(MHz)min.
DCR ]2
(W)max.
Part No.
Inductance
L , Q
Test Freq.
( MHz)
DC Current
(mA)max.
l Dimensions in mm (not to scale)
l Recommended Land Pattern in mm (not to scale)
n Standard Packing Quantity
l 10000 pcs./Reel


Similar Part No. - ELJPC1R0MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC1R0MF PANASONIC-ELJPC1R0MF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPC1R0MF PANASONIC-ELJPC1R0MF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPC1R0MF PANASONIC-ELJPC1R0MF Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
ELJPC1R0MF3 PANASONIC-ELJPC1R0MF3 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPC1R0MF3 PANASONIC-ELJPC1R0MF3 Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
More results

Similar Description - ELJPC1R0MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPA1R5KF PANASONIC-ELJPA1R5KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
   4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
logo
TDK Electronics
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com