Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC83026E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC83026E
Description  Digital Signal Processor for Karaoke Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC83026E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC83026E Datasheet HTML 1Page - Sanyo Semicon Device LC83026E Datasheet HTML 2Page - Sanyo Semicon Device LC83026E Datasheet HTML 3Page - Sanyo Semicon Device LC83026E Datasheet HTML 4Page - Sanyo Semicon Device LC83026E Datasheet HTML 5Page - Sanyo Semicon Device LC83026E Datasheet HTML 6Page - Sanyo Semicon Device LC83026E Datasheet HTML 7Page - Sanyo Semicon Device LC83026E Datasheet HTML 8Page - Sanyo Semicon Device LC83026E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Overview
The LC83026E provides the audio signal processing
required in karaoke systems, including pitch shift,
microphone echo, voice muting, and simple surround
simulation. It is a special-purpose DSP that implements
karaoke processing with the addition of a single external
256-Kb DRAM. The LC83026E includes on-chip A/D and
D/A converters and supports both digital and analog
inputs and outputs. Its functions and characteristics can be
modified to match the needs of the end product by sending
coefficient data from the microcontroller over a serial
interface.
Features
• Application features
— Pitch shift
The LC83026E supports pitch shifting of ±15
quarter tone steps, or ±1 octave in scale tone units as
specified by command data. This pitch shifting can
be applied either to the music track or to the
microphone input. It is also possible to set up pitch
shifting of ±1 octave in arbitrary steps by setting
coefficient values.
— Microphone echo
The LC83026E can apply echo processing to the
input signal from the microphone A/D converter.
The echo coefficients, including amount of echo and
delay time, can be set.
— Voice muting
The LC83026E provides attenuation of monaural
components in the music signal. This allows CDs
that include vocals to be used for karaoke. The voice
muting function is turned on or off by command data
transferred over the serial interface.
— Simple surround
The LC83026E implements a simple surround
simulation function by adding delay components to
the music signal. The LC83026E includes six sets of
simple surround coefficients as preset data, and these
can be selected and switched using command data
transferred over the serial interface. User-original
surround effects can be implemented by setting
coefficients, but the algorithm is fixed.
— Versatile input mixing
The LC83026E supports hybrid mixing of digital
music inputs and analog music inputs for both the
left and right channels to support the processing of a
wide range of disks.
• Audio inputs and outputs
— Inputs: Digital
One system (stereo)
A/D converters
Three channels
— Outputs: Digital
One system (stereo)
D/A converters
Two channels
— A/D converters
Second-order delta-sigma modulation
Three channels
— D/A converters
2
× oversampling digital filters + third-order noise
shaper system
Two channels
• Master clock: 768fs
• External memory: Up to two 256K (64K
× 4 bits)
external DRAMs can be used.
• Microcontroller input: Synchronous 8-bit serial data
• Power-supply voltage: 5V single-voltage supply
• Package: QFP80E
Package Dimensions
unit: mm
3174-QFP80E
CMOS IC
Ordering number : EN5663
63097HA(OT) No. 5663-1/16
SANYO: QIP80E
[LC83026E]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Digital Signal Processor for Karaoke Systems
LC83026E


Similar Part No. - LC83026E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83025 SANYO-LC83025 Datasheet
262Kb / 15P
   Digital Signal Processor for Karaoke Products
LC83025E SANYO-LC83025E Datasheet
262Kb / 15P
   Digital Signal Processor for Karaoke Products
More results

Similar Description - LC83026E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83025E SANYO-LC83025E Datasheet
262Kb / 15P
   Digital Signal Processor for Karaoke Products
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
   Digital Karaoke Audio Processor
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
Rohm
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
BA7762AFS ROHM-BA7762AFS Datasheet
170Kb / 11P
   Audio signal processor for minicomponent systems
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com