Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRER12JF3 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJRER12JF3
Description  Chip Inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRER12JF3 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ELJRER12JF3 Datasheet HTML 4Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 5Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 6Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 7Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 8Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 9Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 10Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 11Page - Panasonic Semiconductor ELJRER12JF3 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Chip Inductors
s Examples : Type 3225(1210)FA
µH
Tolerance
0.22
230
0.29
360
0.27
210
0.32
345
0.33
190
0.35
330
0.39
±20 %
25
25.2
175
0.39
305
0.47
±10 %
160
0.44
290
0.56
150
0.49
275
0.68
135
0.55
260
0.82
125
0.61
245
1.0
115
0.69
230
1.2
100
0.75
215
1.5
90
0.75
210
1.8
85
0.82
200
2.2
80
0.95
190
2.7
7.96
75
1.1
180
3.3
65
1.2
180
3.9
60
1.3
175
4.7
55
1.5
165
5.6
50
1.6
160
6.8
45
1.8
150
8.2
30
40
2.0
140
10
36
2.1
140
12
±10 %
33
2.5
125
15
30
2.8
120
18
±5 %
27
3.3
110
22
25
3.7
105
27
2.52
22
5.0
90
33
20
5.6
85
39
20
6.4
80
47
15
7.0
75
56
15
8.0
70
68
15
9.0
65
82
11
10
60
100
10
10
60
120
10
11
55
150
20
0.796
8
15
50
180
7
17
50
220
7
21
45
ELJFAR22M/KF2
ELJFAR27M/KF2
ELJFAR33M/KF2
ELJFAR39M/KF2
ELJFAR47M/KF2
ELJFAR56M/KF2
ELJFAR68M/KF2
ELJFAR82M/KF2
ELJFA1R0K/JF2
ELJFA1R2K/JF2
ELJFA1R5K/JF
ELJFA1R8K/JF
ELJFA2R2K/JF
ELJFA2R7K/JF
ELJFA3R3K/JF
ELJFA3R9K/JF
ELJFA4R7K/JF
ELJFA5R6K/JF
ELJFA6R8K/JF
ELJFA8R2K/JF
ELJFA100K/JF
ELJFA120K/JF
ELJFA150K/JF
ELJFA180K/JF
ELJFA220K/JF
ELJFA270K/JF
ELJFA330K/JF
ELJFA390K/JF
ELJFA470K/JF
ELJFA560K/JF
ELJFA680K/JF
ELJFA820K/JF
ELJFA101K/JF
ELJFA121K/JF
ELJFA151K/JF
ELJFA181K/JF
ELJFA221K/JF
V
1 : Self Resonant Frequency V2 : DC Resistance
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)


Similar Part No. - ELJRER12JF3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRER12FA PANASONIC-ELJRER12FA Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRER12FA PANASONIC-ELJRER12FA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRER12FA PANASONIC-ELJRER12FA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRER12FA PANASONIC-ELJRER12FA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRER12FA PANASONIC-ELJRER12FA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRER12JF3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com