Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66FU50 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66FU50
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
Download  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU50 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66FU50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FU50 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 259 page
background image
UART Module SPI Interface ............................................................199
SPI Timing..........................................................................................................199
UART Module External Pin Interfacing..........................................200
UART Data Transfer Scheme .............................................................................200
UART Commands ..............................................................................................201
UART Status and Control Registers ...................................................................201
Baud Rate Generator .........................................................................................206
UART Module Setup and Control...................................................208
Managing Receiver Errors ..................................................................................211
UART Module Interrupt Structure ..................................................211
UART Module Power-down and Wake-up .....................................212
Using the UART Function...............................................................213
Application Circuit with UART Module..........................................214
Instruction Set .................................................................................215
Introduction.........................................................................................................215
Instruction Timing ...............................................................................................215
Moving and Transferring Data ............................................................................215
Arithmetic Operations .........................................................................................215
Logical and Rotate Operations ...........................................................................215
Branches and Control Transfer ...........................................................................215
Bit Operations.....................................................................................................216
Table Read Operations.......................................................................................216
Other Operations................................................................................................216
Instruction Set Summary ....................................................................................216
Instruction Definition ......................................................................218
Package Information .......................................................................228
16-pin DIP (300mil) Outline Dimensions .............................................................228
16-pin NSOP (150mil) Outline Dimensions .........................................................231
16-pin SSOP (150mil) Outline Dimensions .........................................................232
20-pin DIP (300mil) Outline Dimensions .............................................................233
20-pin SOP (300mil) Outline Dimensions............................................................235
20-pin SSOP (150mil) Outline Dimensions .........................................................236
24-pin SKDIP (300mil) Outline Dimensions ........................................................237
24-pin SOP (300mil) Outline Dimensions............................................................240
24-pin SSOP (150mil) Outline Dimensions .........................................................241
28-pin SKDIP (300mil) Outline Dimensions ........................................................242
28-pin SOP (300mil) Outline Dimensions............................................................243
28-pin SSOP (150mil) Outline Dimensions .........................................................244
SAW Type 32-pin (5mm
´5mm) QFN Outline Dimensions...................................245
SAW Type 40-pin (6mm
´6mm for 0.75mm) QFN Outline Dimensions...............246
44-pin QFP (10mm
´10mm) Outline Dimensions ................................................247
48-pin SSOP (300mil) Outline Dimensions .........................................................248
Contents
Rev. 1.50
7
March 15, 2011


Similar Part No. - HT66FU50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FU50 HOLTEK-HT66FU50 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FU50 HOLTEK-HT66FU50 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FU50 HOLTEK-HT66FU50 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FU50 HOLTEK-HT66FU50 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
More results

Similar Description - HT66FU50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com