Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863416A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC863416A
Description  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863416A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC863416A Datasheet HTML 5Page - Sanyo Semicon Device LC863416A Datasheet HTML 6Page - Sanyo Semicon Device LC863416A Datasheet HTML 7Page - Sanyo Semicon Device LC863416A Datasheet HTML 8Page - Sanyo Semicon Device LC863416A Datasheet HTML 9Page - Sanyo Semicon Device LC863416A Datasheet HTML 10Page - Sanyo Semicon Device LC863416A Datasheet HTML 11Page - Sanyo Semicon Device LC863416A Datasheet HTML 12Page - Sanyo Semicon Device LC863416A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LC863432A/28A/24A/20A/16A
No.6846-9/19
1. Absolute Maximum Ratings at VSS=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD
-0.3
+7.0
Input voltage
VI(1)
• RES , HS , VS ,
CVIN
-0.3
VDD+0.3
Output voltage
VO(1)
R, G, B, BL,
FILT
-0.3
VDD+0.3
Input/output
voltage
VIO
•Ports 0, 1, 3, 7
-0.3
VDD+0.3
V
IOPH(1)
•Ports 0, 1, 3, 7
•CMOS output
•For each pin.
-4
Peak
output
current
IOPH(2)
R, G, B, BL
•CMOS output
•For each pin.
-5
∑IOAH(1)
Ports 0, 1
The total of all
pins.
-20
∑IOAH(2)
Ports 3, 7
The total of all
pins.
-10
High
level
output
current
Total
output
current
∑IOAH(3)
R, G, B, BL
The total of all
pins.
-12
IOPL(1)
Ports 0, 1, 3
For each pin.
20
IOPL(2)
Port 7
For each pin.
15
Peak
output
current
IOPL(3)
R, G, B, BL
For each pin.
5
∑IOAL(1)
Ports 0, 1
The total of all
pins.
40
∑IOAL(2)
Ports 3, 7
The total of all
pins.
20
Low
level
output
current
Total
output
current
∑IOAL(3)
R, G, B, BL
The total of all
pins.
12
mA
MFP36S
340
Maximum power
dissipation
Pdmax
DIP36S
Ta=-10 to +70
°C
550
mW
Operating
temperature
range
Topg
-10
+70
Storage
temperature
range
Tstg
-55
+125
°C


Similar Part No. - LC863416A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863416B SANYO-LC863416B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
LC863416C SANYO-LC863416C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863416A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com