Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC865504B Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC865504B
Description  8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865504B Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC865504B Datasheet HTML 1Page - Sanyo Semicon Device LC865504B Datasheet HTML 2Page - Sanyo Semicon Device LC865504B Datasheet HTML 3Page - Sanyo Semicon Device LC865504B Datasheet HTML 4Page - Sanyo Semicon Device LC865504B Datasheet HTML 5Page - Sanyo Semicon Device LC865504B Datasheet HTML 6Page - Sanyo Semicon Device LC865504B Datasheet HTML 7Page - Sanyo Semicon Device LC865504B Datasheet HTML 8Page - Sanyo Semicon Device LC865504B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LC865520B/16B/12B/08B/04B
No.6697-3/21
(11) Interrupt
- 13-source and 10-vectored interrupt function:
1. External interrupt INT0 (including watchdog timer)
2. External interrupt INT1
3. External interrupt INT2, Timer/counter T0L (lower 8 bits of Timer 0)
4. External interrupt INT3, Base timer
5. Timer/counter T0H (upper 8 bits of Timer 0)
6. Timer T1L (lower 8 bits of Timer 1), Timer T1H (upper 8 bits of Timer 1)
7. Serial interface SIO0
8. Serial interface SIO1
9. AD converter
10. Port 0
- Built-in Interrupt Priority control register
Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible.
Low or high
priority level can be assigned to the 11 interrupt sources of interrupts 3 to 10 shown above by the interrupt priority
control register.
For the external interrupt INT0 and INT1(interrupt 1 and 2), low or highest can be set regardless of
the interrupt priority register.
(12) Sub-routine stack levels
- A maximum of 128 levels (set stack inside RAM)
(13) Multiplication and division
16 bits
× 8-bit (7 instruction-cycle-times)
16 bits / 8-bit (7 instruction-cycle-times)
(14) 3 types of oscillation circuits
- Built-in RC oscillation circuit used for the system clock.
- CF oscillation circuit used for the system clock.
- Crystal oscillation circuit used for the system clock and the time-base clock.
(15) Standby function
- HALT mode
The HALT mode stops the program execution, which minimizes power consumption.
This operation mode can be
released by a system reset or an interrupt request.
- HOLD mode
The HOLD mode stops all oscillation circuits: CF, RC and Crystal oscillations.
This mode can be released by the
following conditions.
• Feed "L" level to the reset terminal ( RES )
• Feed the selected level to P70/INT0, P71/INT1 terminals
• Feed "L" level to the Port 0
(16) Shipping form
• DIP42S
• QIP48E
(17) Development tools
Evaluation (EVA) chip
: LC866096
EPROM version
: LC86E5420
One time version
: LC86P5420
Emulator
: EVA-86000 + ECB867100 (Evaluation chip board) + POD865400 (POD)


Similar Part No. - LC865504B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865504B SANYO-LC865504B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Similar Description - LC865504B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com