Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B40R Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82B40R
Description  I/O MCU with USB Interface
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40R Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82B40R_11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82B40R_11 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
HT82B40R/HT82B40A
Rev. 1.50
11
February 17, 2011
Special Purpose Data Memory
This area of Data Memory is where registers, necessary
for the correct operation of the microcontroller, are
stored. It is divided into two banks, Bank 0 and Bank1.
Most of the registers are both readable and writeable
but some are protected and are readable only, the de-
tails of which are located under the relevant Special
Function Register section. Note that for locations that
are unused, any read instruction to these addresses will
return the value
²00H².
The Special Purpose Registers for the USB interface
are stored in Bank 1 which can only be accessed by first
setting the Bank Pointer to a value of 01H and then us-
ing Indirect Addressing Register IAR1 and Memory
Pointer MP1. Bank 1 can only be accessed indirectly us-
ing the MP1 Memory Pointer, direct addressing is not
possible.
Special Function Registers
To ensure successful operation of the microcontroller,
certain internal registers are implemented in the Data
Memory area. These registers ensure correct operation
of internal functions such as timers, interrupts, etc., as
well as external functions such as I/O data control. The
location of these registers within the Data Memory be-
gins at the address 00H. Any unused Data Memory lo-
cations between these special function registers and the
point where the General Purpose Memory begins is re-
served and attempting to read data from these locations
will return a value of 00H.
Indirect Addressing Register
- IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, al-
though having their locations in normal RAM register
space, do not actually physically exist as normal regis-
ters. The method of indirect addressing for RAM data
manipulation uses these Indirect Addressing Registers
and Memory Pointers, in contrast to direct memory ad-
dressing, where the actual memory address is speci-
fied. Actions on the IAR0 and IAR1 registers will result in
no actual read or write operation to these registers but
rather to the memory location specified by their corre-
sponding Memory Pointer, MP0 or MP1. Acting as a
pair, IAR0 and MP0 can together only access data from
Bank 0, while the IAR1 and MP1 register pair can ac-
cess data from both Bank 0 and Bank 1. As the Indirect
Addressing Registers are not physically implemented,
reading the Indirect Addressing Registers indirectly will
return a result of
²00H² and writing to the registers indi-
rectly will result in no operation.
Memory Pointer
- MP0, MP1
For all devices, two Memory Pointers, known as MP0
and MP1 are provided. These Memory Pointers are
physically implemented in the Data Memory and can be
manipulated in the same way as normal registers pro-
viding a convenient way with which to address and track
data. When any operation to the relevant Indirect Ad-
dressing Registers is carried out, the actual address that
the microcontroller is directed to, is the address speci-
fied by the related Memory Pointer. MP0 can only ac-
cess data in Bank 0 while MP1 can access both banks.
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
: U n u s e d r e a d a s " 0 "
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R 0
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P E
P E C
T B H P
U S C
U S R
S C C
4 0 H
4 1 H
4 2 H
4 3 H
4 4 H
4 5 H
4 6 H
4 7 H
4 8 H
4 9 H
4 A H
U S B _ S T A T
P I P E _ C T R L
A W R
S T A L L
P I P E
S I E S
M I S C
E N D P T _ E N
F I F O 0
F I F O 1
F I F O 2
B a n k 0
B a n k 1
Special Purpose Data Memory


Similar Part No. - HT82B40R_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
More results

Similar Description - HT82B40R_11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com