Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS85B12-3 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # BS85B12-3
Description  Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS85B12-3 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button BS85B12-3 Datasheet HTML 6Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 7Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 8Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 9Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 10Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 11Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 12Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 13Page - Holtek Semiconductor Inc BS85B12-3 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 182 page
background image
Pin Description
The function of each pin is listed in the following table, however the details behind how each pin is
configured is contained in other sections of the datasheet.
BS85B12-3
Pin Name
Function
Register
Select
I/T
O/T
Description
PA0/SDI/SDA
PA0
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
SDI
SIMC0
ST
¾
SPI data input
SDA
SIMC0
ST
NMOS I
2
C data I/O
PA1/TCK1/
INT1/SSEG10
PA1
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TCK1
TM1C0
ST
¾
Timer Module 1 input
INT1
INTC0
ST
¾
External interrupt 1 input
SSEG10
SLCDCn
¾
LCD
Software controlled LCD SEG
PA2/SCK/SCL
PA2
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
SCK
SIMC0
ST
CMOS SPI serial clock
SCL
SIMC0
ST
NMOS I
2
C clock
PA3/SCS
PA3
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
SCS
SIMC0
ST
CMOS SPI slave select
PA4/TCK0/
INT0/SSEG11
PA4
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TCK0
TM0C0
ST
¾
Timer Module 0 input
INT0
INTC0
ST
¾
External interrupt 0 input
SSEG11
SLCDCn
¾
LCD
Software controlled LCD SEG
PA5/SSEG12
PA5
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
SSEG12
SLCDCn
¾
LCD
Software controlled LCD SEG
PA6/SSEG13
PA6
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
SSEG13
SLCDCn
¾
LCD
Software controlled LCD SEG
PA7/SDO
PA7
PAWU
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
SDO
SIMC0
¾
CMOS SPI data output
PB0/TP0_0/
SCOM0
PB0
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
TP0_0
TMPCn
ST
CMOS TM0 I/O
SCOM0
SLCDCn
¾
LCD
Software controlled LCD COM
PB1/TP0_1/
SCOM1
PB1
PBPU
ST
CMOS General purpose I/O. Register enabled pull-up.
TP0_1
TMPCn
ST
CMOS TM0 I/O
SCOM1
SLCDCn
¾
LCD
Software controlled LCD COM
Rev. 1.00
4
February 1, 2011
BS85B12-3/BS85C20-3
Touch Key Flash MCU with LCD/LED Driver


Similar Part No. - BS85B12-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS85B12-3 HOLTEK-BS85B12-3_12 Datasheet
7Mb / 183P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
More results

Similar Description - BS85B12-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS85B12-3 HOLTEK-BS85B12-3_12 Datasheet
7Mb / 183P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
BS83B08A-3 HOLTEK-BS83B08A-3 Datasheet
5Mb / 119P
   8-Bit Touch Key Flash MCU
BS82B12A-3 HOLTEK-BS82B12A-3 Datasheet
7Mb / 170P
   Touch Flash MCU with LED/LCD Driver
BS86B12A-3 HOLTEK-BS86B12A-3 Datasheet
7Mb / 195P
   Touch A/D Flash MCU with LED/LCD Driver
HT69F240 HOLTEK-HT69F240 Datasheet
7Mb / 172P
   I/O 8-Bit Flash MCU with LED/LCD Driver
BH67F5245 HOLTEK-BH67F5245 Datasheet
6Mb / 166P
   24-Bit Delta Sigma A/D Flash MCU with LCD and Touch Key
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
   4 Key Touch Flash MCU
BS67F340 HOLTEK-BS67F340 Datasheet
7Mb / 281P
   Enhanced Touch A/D Flash MCU with LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com