Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC868016 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC868016
Description  8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC868016 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC868016 Datasheet HTML 6Page - Sanyo Semicon Device LC868016 Datasheet HTML 7Page - Sanyo Semicon Device LC868016 Datasheet HTML 8Page - Sanyo Semicon Device LC868016 Datasheet HTML 9Page - Sanyo Semicon Device LC868016 Datasheet HTML 10Page - Sanyo Semicon Device LC868016 Datasheet HTML 11Page - Sanyo Semicon Device LC868016 Datasheet HTML 12Page - Sanyo Semicon Device LC868016 Datasheet HTML 13Page - Sanyo Semicon Device LC868016 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LC868016/12/08A
No.6723-10/28
Name
No.
I/O
Function description
Option
•7-bit input/output port
•Input/output can be specified each upper
2 bits and lower 5 bits
•Another functions
P40
P41
P42
P43
P44
P46
P47
CL1
Latch clock
CL2
Shift clock
DO
Output data
M
Alternate signal
FRM
Frame signal
RD
Read signal
WR
Write signal
Port4
P40 to P44
P46, P47
79-83
84,85
I/O
(P40-P44 : LCD display extend signal,
P46, P47 : External RAM access signal)
•Pull-up resistor :
Provided/Not provided
•Output form :
CMOS/N-ch open drain
Port5
P50 to P57
105-98
I/O
•8-bit input/output port
•Input/output in bit unit
•External memory mode
1. EXT resistor bit 3=0 : input/output
2. EXT resistor bit 3=1 : bank address output for
external memory
•Pull-up resistor :
Provided/Not provided
•Output form :
CMOS/N-ch open drain
•4-bit input port
•Another functions
P70
P71
P72
P73
INT0 input/HOLD release/N-ch Tr.
output for watchdog timer
INT1 input/HOLD release
INT2 input/timer 0 event input
INT3 input with noise filter/timer 0
event input
•Interrupt received form, vector address
•Pull-up resistor :
Provided/Not provided
leading
trailing
leading
&
trailing
high
level
low
level
vector
Port7
P70 to P73
86-89
I
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
03H
0BH
13H
1BH


Similar Part No. - LC868016

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868108A SANYO-LC868108A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868112A SANYO-LC868112A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116A SANYO-LC868116A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results

Similar Description - LC868016

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com