Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC868012A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC868012A
Description  8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC868012A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC868012A Datasheet HTML 1Page - Sanyo Semicon Device LC868012A Datasheet HTML 2Page - Sanyo Semicon Device LC868012A Datasheet HTML 3Page - Sanyo Semicon Device LC868012A Datasheet HTML 4Page - Sanyo Semicon Device LC868012A Datasheet HTML 5Page - Sanyo Semicon Device LC868012A Datasheet HTML 6Page - Sanyo Semicon Device LC868012A Datasheet HTML 7Page - Sanyo Semicon Device LC868012A Datasheet HTML 8Page - Sanyo Semicon Device LC868012A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
91400 RM (IM) HO No.6723-1/28
Ver.1.12
61298
Preliminary
Overview
The LC868016A/12A/08A microcontrollers are 8-bit single chip microcontrollers with the following on-chip functional
blocks :
- CPU : Operable at a minimum bus cycle time of 0.5
µs (microseconds)
- On-chip ROM maximum capacity : 16K bytes
- On-chip RAM capacity : 640 bytes
- Dot-matrix liquid crystal display (LCD) automatic display controller / driver
- External memory
- 16-bit timer / counter (or two 8-bit timers)
- 16-bit timer / PWM (or two 8-bit timers)
- Two 8-bit synchronous serial-interface circuits
- 13-source 9-vectored interrupt system
All of the above functions are fabricated on a single chip.
8-Bit Single Chip Microcontroller with
16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016/12/08A
Ordering number : ENN*6723
CMOS IC


Similar Part No. - LC868012A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868108A SANYO-LC868108A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868112A SANYO-LC868112A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116A SANYO-LC868116A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results

Similar Description - LC868012A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com