Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC868116A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC868116A
Description  8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC868116A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC868116A Datasheet HTML 1Page - Sanyo Semicon Device LC868116A Datasheet HTML 2Page - Sanyo Semicon Device LC868116A Datasheet HTML 3Page - Sanyo Semicon Device LC868116A Datasheet HTML 4Page - Sanyo Semicon Device LC868116A Datasheet HTML 5Page - Sanyo Semicon Device LC868116A Datasheet HTML 6Page - Sanyo Semicon Device LC868116A Datasheet HTML 7Page - Sanyo Semicon Device LC868116A Datasheet HTML 8Page - Sanyo Semicon Device LC868116A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LC868116/12/08A
No.6724-5/28
(11) Watchdog timer
- The watchdog timer is taken on RC outside. (using P70/INT0 terminal)
- Watchdog timer operation selectable : interrupt system, system reset
(12) Interrupts system
- 13-source 9-level vectored interrupts :
1. External interrupt INT0 (includes watchdog timer)
2. External interrupt INT1
3. External interrupt INT2, timer / counter T0L (timer 0 lower 8 bits)
4. External interrupt INT3, base timer
5. Timer / counter T0H (timer 0 upper 8-bit)
6. Timer T1L (timer 1 lower 8-bit), Timer T1H (timer 1 upper 8-bit)
7. Serial interface SIO0
8. Serial interface SIO1
9. Port 0 or Port 3
- Interrupt priority control available
Microcomputer allows 3 levels of interrupt; low level, high level and highest level of multiplex interrupt. It can specify
a low level or a high level interrupt priority from INT2/T0L through port 0 or port 3 (the above interrupt number from
three through nine).
It can also specify a low level or the highest level interrupt priority to INT0 and INT1.
(13) Sub-routine stack levels
- 128 levels (Max.) : stack area included in RAM area
(14) Multiplication and division
- 16 bits
× 8-bit (7 instruction cycle times)
- 16 bits / 8-bit (7 instruction cycle times)
(15) Three oscillation circuits
- On-chip RC oscillation circuit using for the system clock, for the LCD display and for the step-up circuit.
- On-chip CF oscillation circuit using for the system clock, for the LCD display and for the step-up circuit.
- On-chip crystal oscillation circuit using for the system clock, for time-base clock and for the LCD display.
(16) Standby function
- HALT mode function
The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped.
This operation mode can be released by the interrupt request signals or setting to low level for the reset terminal
( RES ).
- HOLD mode function
The HOLD mode is used to freeze all the oscillations ;
RC (internal), CF and Crystal oscillations. This mode can be released by the following operations:
• Reset terminal ( RES ) set to low level.
• Set to assigned level to INT0/1 terminals.
• Set to assigned level to Port 0/3.
(17) Factory shipment
- Chip
QIC160 package shipping available for sample evaluation.
(18) Development support tools
- Evaluation (EVA) chip
: LC868099
- Emulator
: EVA86000 + ECB868000 (Evaluation chip board)


Similar Part No. - LC868116A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868008A SANYO-LC868008A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868012A SANYO-LC868012A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016A SANYO-LC868016A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results

Similar Description - LC868116A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com