Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G04W5 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AHC1G04W5
Description  SINGLE INVERTER GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G04W5 Datasheet(HTML) 6 Page - Diodes Incorporated

  74AHC1G04W5 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G04W5 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G04W5 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G04W5 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G04W5 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G04W5 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G04W5 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G04W5 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74AHC1G04
SINGLE INVERTER GATE
74AHC1G04
Document number: DS35171 Rev. 1 - 2
6 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Ordering Information
74AHC1G 04 XX -7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
04 : 1-Input
Inverter - Gate
SE : SOT353
Logic Device
74 : Logic Prefix
AHC : 2 to
Family
1G : One gate
5.5V
Device
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Quantity
Part Number Suffix
74AHC1G04W5-7
W5
SOT25
3000/Tape & Reel
-7
74AHC1G04SE-7
SE
SOT353
3000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AHC1G04W5
SOT25
YT
74AHC1G04SE
SOT353
YT


Similar Part No. - 74AHC1G04W5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G04 PHILIPS-74AHC1G04 Datasheet
76Kb / 16P
   Inverter
2003 Sep 04
logo
Nexperia B.V. All right...
74AHC1G04 NEXPERIA-74AHC1G04 Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHC1G04-Q100 NEXPERIA-74AHC1G04-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHC1G04GM NEXPERIA-74AHC1G04GM Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
logo
NXP Semiconductors
74AHC1G04GV PHILIPS-74AHC1G04GV Datasheet
76Kb / 16P
   Inverter
2003 Sep 04
More results

Similar Description - 74AHC1G04W5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com