Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G32W5-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74AHC1G32W5-7
Description  SINGLE 2 INPUT POSITIVE OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G32W5-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AHC1G32W5-7 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G32W5-7 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G32W5-7 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G32W5-7 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G32W5-7 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G32W5-7 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G32W5-7 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G32W5-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AHC1G32
SINGLE 2 INPUT POSITIVE OR GATE
74AHC1G32
Document number: DS35174 Rev. 1 - 2
5 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 5V
Unit
Typ.
Cpd
Power dissipation capacitance
f = 1 MHz
No Load
11
pF
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V±0.3V
VCC
≤3ns
VCC/2
15pF
5V±0.5V
VCC
≤3ns
VCC/2
15pF
3.3V±0.3V
VCC
≤3ns
VCC/2
50pF
5V±0.5V
VCC
≤3ns
VCC/2
50pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AHC1G32W5-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
74Kb / 16P
   2-input OR gate
2002 Jun 05
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Nexperia B.V. All right...
74AHC1G32 NEXPERIA-74AHC1G32 Datasheet
215Kb / 11P
   2-input OR gate
Rev. 10 - 11 January 2022
74AHC1G32-Q100 NEXPERIA-74AHC1G32-Q100 Datasheet
686Kb / 13P
   2-input OR gate
More results

Similar Description - 74AHC1G32W5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com