Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G14W5 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AHC1G14W5
Description  SINGLE SCHMITT-TRIGGER INVERETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G14W5 Datasheet(HTML) 6 Page - Diodes Incorporated

  74AHC1G14W5 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 8Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74AHC1G14
SINGLE SCHMITT-TRIGGER INVERETER
74AHC1G14
Document number: DS35173 Rev. 1 - 2
6 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V±0.3V
VCC
≤3ns
VCC/2
15pF
5V±0.5V
VCC
≤3ns
VCC/2
15pF
3.3V±0.3V
VCC
≤3ns
VCC/2
50pF
5V±0.5V
VCC
≤3ns
VCC/2
50pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AHC1G14W5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHC1G14-Q100 NEXPERIA-74AHC1G14-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14GV PHILIPS-74AHC1G14GV Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
More results

Similar Description - 74AHC1G14W5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com