Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866524A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC866524A
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866524A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC866524A Datasheet HTML 6Page - Sanyo Semicon Device LC866524A Datasheet HTML 7Page - Sanyo Semicon Device LC866524A Datasheet HTML 8Page - Sanyo Semicon Device LC866524A Datasheet HTML 9Page - Sanyo Semicon Device LC866524A Datasheet HTML 10Page - Sanyo Semicon Device LC866524A Datasheet HTML 11Page - Sanyo Semicon Device LC866524A Datasheet HTML 12Page - Sanyo Semicon Device LC866524A Datasheet HTML 13Page - Sanyo Semicon Device LC866524A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC866548/40/32/28/24A
No.6700-10/21
1. Absolute Maximum Ratings at VSS1=VSS2=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDD MAX
VDD1, VDD2
VDD3, VDD4
VDD1=VDD2
=VDD3=VDD4
-0.3
+7.0
VI(1)
•Ports 74,75
•Ports 80,81,82,
83
•Port 8
• RES
-0.3
VDD+0.3
Input voltage
VI(2)
VP
VDD-45
VDD+0.3
Output voltage
VO
S0/T0-S15/T15
VDD-45
VDD+0.3
VIO(1)
•Port 1
•Ports 70,71,72,
73
•Ports 84,85,86,
87
•Ports 0, 3 at
CMOS output
option
-0.3
VDD+0.3
VIO(2)
Ports 0, 3 at
N-ch open drain
output option
-0.3
15
Input/output
voltage
VIO(3)
S16 - S51
VDD-45
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3
•CMOS output
•For each pin.
-10
IOPH(2)
S0/T0-S15/T15
For each pin.
-30
Peak
output
current
IOPH(3)
S16 - S51
For each pin.
-15
ΣIOAH(1)
Port 0
-30
ΣIOAH(2)
Ports 1, 3
-30
ΣIOAH(3)
S0/T0-S15/T15
-55
ΣIOAH(4)
S16 - S27
-60
ΣIOAH(5)
S28 - S39
-60
High
level
output
current
Total
output
current
ΣIOAH(6)
S40 - S51
The total of all
pins.
-60
IOPL(1)
Ports 0, 1, 3
20
Peak
output
current
IOPL(2)
•Ports 70,71,72,
73
•Ports 84,85,86,
87
For each pin.
15
ΣIOAL(1)
Port 0
60
ΣIOAL(2)
Ports 1, 3, 70
50
Low
level
output
current
Total
output
current
ΣIOAL(3)
•Ports 71,72, 73
•Ports 84,85,86,
87
The total of all
pins.
20
mA
Power dissipation
(max.)
Pdmax
QFP100E
Ta=-30 to+70
°C
500
mW
Operating
temperature
range
Topr
-30
70
Storage
temperature
range
Tstg
-55
125
°C


Similar Part No. - LC866524A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866524 SANYO-LC866524 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866524 SANYO-LC866524 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC866524A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com