Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866524A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC866524A
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866524A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC866524A Datasheet HTML 1Page - Sanyo Semicon Device LC866524A Datasheet HTML 2Page - Sanyo Semicon Device LC866524A Datasheet HTML 3Page - Sanyo Semicon Device LC866524A Datasheet HTML 4Page - Sanyo Semicon Device LC866524A Datasheet HTML 5Page - Sanyo Semicon Device LC866524A Datasheet HTML 6Page - Sanyo Semicon Device LC866524A Datasheet HTML 7Page - Sanyo Semicon Device LC866524A Datasheet HTML 8Page - Sanyo Semicon Device LC866524A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC866548/40/32/28/24A
No.6700-4/21
(14) Multiplication and division
- 16 bit
× 8 bit (7 instruction cycle times)
- 16 bit ÷ 8 bit (7 instruction cycle times)
(15) Three oscillation circuits
- On-chip RC oscillation circuit used for the system clock
- On-chip CF oscillation circuit used for the system clock
- On-chip Crystal oscillation circuit used for the system clock and for time-base clock
Note : External resisters (Rf, Rd) are required
(16) Standby function
- HALT mode function
The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped.
This operation mode can be released by the interrupt request signals or the initial system reset request signal.
- HOLD mode function
The HOLD mode is used to stop all the oscillations ;
RC (internal), CF and Crystal oscillations. This mode can be released by the following operations.
• Reset terminal (
RES ) set to low level.
• Input a assigned level to P70/INT0/T0IN or P71/INT1/T0IN terminal.
• Input a Port0 interrupt condition.
(17) Factory shipment
QFP100E delivery form
(18) Development Tools
- Evaluation chip
: LC866094
- EPROM version
: LC86E6548
- One time version
: LC86P6548
- Emulator
: EVA86000 + ECB866500 (Evaluation chip board) + POD866500 (Pod)
• Notes for use
Follow the under table.
Frequency range of the system clock
Voltage range
Clock Divider
Note
15kHz to 3MHz
1/1
Can not use 1/2 divider
30kHz to 6MHz
1/1, 1/2
Internal RC oscillation
4.5V to 6.0V
1/1, 1/2


Similar Part No. - LC866524A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866524 SANYO-LC866524 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866524 SANYO-LC866524 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC866524A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com