Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9910S-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL9910S-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910S-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL9910S-13 Datasheet HTML 4Page - Diodes Incorporated AL9910S-13 Datasheet HTML 5Page - Diodes Incorporated AL9910S-13 Datasheet HTML 6Page - Diodes Incorporated AL9910S-13 Datasheet HTML 7Page - Diodes Incorporated AL9910S-13 Datasheet HTML 8Page - Diodes Incorporated AL9910S-13 Datasheet HTML 9Page - Diodes Incorporated AL9910S-13 Datasheet HTML 10Page - Diodes Incorporated AL9910S-13 Datasheet HTML 11Page - Diodes Incorporated AL9910S-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AL9910/AL9910A
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A
Document number: DS 35103 Rev. 2 - 2
8 of 14
www.diodes.com
March 2011
© Diodes Incorporated
Applications Information (Continued)
Inductor Selection
The non-isolated buck circuit, Figure 1, is usually selected and it has two operation modes: continuous and discontinuous
conduction modes. A buck power stage can be designed to operate in continuous mode for load current above a certain level
usually 15% to 30% of full load. Usually, the input voltage range, the output voltage and load current are defined by the power
stage specification. This leaves the inductor value as the only design parameter to maintain continuous conduction mode.
The minimum value of inductor to maintain continuous conduction mode can be determined by the following example.
The required inductor value is determined from the desired peak-to-peak LED ripple current in the inductor; typically around
30% of the nominal LED current.
L =
()
()
OSC
LED
LEDs
IN
f
I
3
.
0
D
V
V
×
×
×
Where D is duty cycle
The next step is determining the total voltage drop across the LED string. For example, when the string consists of 10 High-
Brightness LEDs and each diode has a forward voltage drop of 3.0V at its nominal current; the total LED voltage VLEDS is
30V.
Dimming
The LED brightness can be dimmed either linearly (using the LD pin) or via pulse width modulation (using the PWM-D pin); or
a combination of both - depending on the application. Pulling the PWM_D pin to ground will turn off the AL9910. When
disabled, the AL9910’s quiescent current is typically 0.5mA (0.65 for AL9910A). Reducing the LD voltage will reduce the LED
current but it will not entirely turn off the external power transistor and hence the LED current – this is due to the finite
blanking period. Only the PWM_D pin will turn off the power transistor.
Linear dimming is accomplished by applying a 45 to 250mV analog signal to the LD pin. This overrides the default 250mV
threshold level of the CS pin and reduces the output current. If an input voltage greater than 250mV is applied to the LD then
the output current will not change.
The LD pin also provides a simple cost effective solution to soft start; by connecting a capacitor to the LD pin down to ground
at initial power up the LD pin will be held low causing the sense threshold to be low. As the capacitor charges up the current
sense threshold will increase thereby causing the average LED current to increase.
PWM dimming is achieved by applying an external PWM signal to the PWM_D pin. The LED current is proportional to the
PWM duty cycle and the light output can be adjusted between zero and 100%.. The PWM signal enables and disables the
AL9910 - modulating the LED current. The ultimate accuracy of the PWM dimming method is limited only by the minimum
gate pulse width, which is a fraction of a percentage of the low frequency duty cycle. PWM dimming of the LED light can be
achieved by turning on and off the converter with low frequency 50Hz to 1000Hz TTL logic level signal.
With both modes of dimming it is not possible to achieve average brightness levels higher than the one set by the current
sense threshold level of the AL9910. If a greater LED current is required then a smaller sense resistor should be used
Output Open Circuit Protection
The non-isolated buck LED driver topology provides inherent protection against an open circuit condition in the LED string
due to the LEDs being connected in series with the inductor. Should the LED string become open circuit then no switching
occurs and the circuit can be permanently left in this state with damage to the rest of the circuit.


Similar Part No. - AL9910S-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910S-13 DIODES-AL9910S-13 Datasheet
336Kb / 15P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910S-13 DIODES-AL9910S-13 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910S-13 DIODES-AL9910S-13 Datasheet
613Kb / 14P
   Non-Dimmable 120VAC Evaluation Board
More results

Similar Description - AL9910S-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910_1106 DIODES-AL9910_1106 Datasheet
336Kb / 15P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com