Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9910AS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL9910AS-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910AS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL9910AS-13 Datasheet HTML 1Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 2Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 3Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 4Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 5Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 6Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 7Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 8Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AL9910/AL9910A
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A
Document number: DS 35103 Rev. 2 - 2
1 of 14
www.diodes.com
March 2011
© Diodes Incorporated
Description
The AL9910/A high voltage PWM LED driver-controller
provides an efficient solution for offline high brightness LED
lamps from rectified line voltages ranging from 85VAC up to
277VAC. The AL9910 drives external MOSFETs at switching
frequencies up to 300kHz, with the switching frequency
determined by a single resistor. The AL9910 topology creates
a constant current through the LEDs providing constant light
output. The output current is programmed by one external
resistor and is ultimately determined by the external
MOSFET chosen and therefore allows many low current
LEDs to be driven as well as a few high current LEDs
The LED brightness can be varied by both Linear and PWM
dimming
using
the
AL9910’s
LD
and
PWM_D
pins
respectively. The PWM_D input operates with duty ratio of
0-100% and frequency of up to several kHz.
The AL9910 can withstand input voltages up to 500V which
makes it very resilient to transients at standard mains
voltages. As well as standard SO-8 package the AL9910 is
available in the thermally enhanced SO-8EP package.
Pin Assignments
SO-8
1
2
3
45
6
7
8
(Top View)
CS
Gate
GND
LD
VIN
Rosc
VDD
PWM_D
AL9910
Features
>90% Efficiency
Universal rectified 85 to 277VAC input range
Input voltage up to 500V
Internal voltage regulator removes start-up resistor
o
7.5V MOSFET drive – AL9910
o
10V MOSFET drive – AL9910A
Drives LED Lamps with both high and low current LEDs
LED brightness control with Linear and PWM dimming
Internal Thermal Protection (OTP)
SO-8 and SO-8EP in “Green” Molding Compound
(No Br, Sb) with Lead Free Finish/ RoHS Compliant
(Note 1)
Applications
• LED offline lamps
• High voltage dc-dc LED Driver
• Signage and Decorative LED Lighting
• Back Lighting of Flat Panel Displays
• General purpose constant current source
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
R
SENSE
AL9910/A
GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
V
AC IN
Q1
L1
D1
C1
R
OSC
C2
C3
BR1
R
SENSE
AL9910/A
GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
V
AC IN
Q1
L1
D1
C1
R
OSC
C2
C3
BR1
SO-8EP
1
2
3
45
6
7
8
(Top View)
CS
Gate
GND
LD
VIN
Rosc
VDD
PWM_D
AL9910


Similar Part No. - AL9910AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910AS-13 DIODES-AL9910AS-13 Datasheet
336Kb / 15P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910AS-13 DIODES-AL9910AS-13 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
More results

Similar Description - AL9910AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910_1106 DIODES-AL9910_1106 Datasheet
336Kb / 15P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com