Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866560 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC866560
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866560 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC866560 Datasheet HTML 3Page - Sanyo Semicon Device LC866560 Datasheet HTML 4Page - Sanyo Semicon Device LC866560 Datasheet HTML 5Page - Sanyo Semicon Device LC866560 Datasheet HTML 6Page - Sanyo Semicon Device LC866560 Datasheet HTML 7Page - Sanyo Semicon Device LC866560 Datasheet HTML 8Page - Sanyo Semicon Device LC866560 Datasheet HTML 9Page - Sanyo Semicon Device LC866560 Datasheet HTML 10Page - Sanyo Semicon Device LC866560 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LC86E6560
No.6750-7/21
Pin Description
Pin Name
I/O
Function description
Option
EPROM
mode
VSS1, 2
-
Power pin (-)
*4
-
-
VDD1, 2, 3, 4
-
Power pin (+)
*4
-
-
VP
-
Power pin (+) for the VFD output pull-down resist
-
-
PORT 0
P00 - P07
I/O
•8-bit input/output port
Input/output in nibble units
•Input for port0 interrupt
•Input for HOLD release
•15V withstand at N-channel open drain output
•Pull-up resistor :
Provided/not provided
(each nibble)
•Output form :
CMOS/N-channel
open drain (each bit)
-
PORT 1
P10 - P17
I/O
•8-bit input/output port
Input/output can be specified in bit unit.
•Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer1 output (PWM0 output)
Output form :
CMOS/N-channel open
drain (each bit)
Data line
D0 to D7
PORT 3
P30 - P37
I/O
•8-bit input/output port
Input/output in bit unit
•15V withstand at N-channel open drain output
Output form :
CMOS/N-channel open
drain (each bit)
-
•4-bit input/output port
Input/output in bit unit
•2-bit input port
•Other pin functions
P70 : INT0 input/HOLD release/N-channel Tr.
output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer0 event input
P73 : INT3 input with noise filter/timer0 event
input
P74
: 32.768kHz crystal oscillation terminal XT1
P75 : 32.768kHz crystal oscillation terminal XT2
•Interrupt received form, vector address
-
rising
falling
rising/
falling
H level
L level
Vector
PORT 7
P70 - P73
P74
- P75
I/O
I
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
03H
0BH
13H
1BH
EPROM
control
signal
DASEC(*1)
OE (*2)
CE (*3)
PORT 8
P80 -P83
P84 -P87
I
I/O
•4-bit input/output port
Input/output in bit unit
•4-bit input port
•Other function
AD input port (8 port pins)
-
-
S0/T0 to
S6/T6
*6
O
Output for VFD display controller segment/timing
in common
-
-
S7/T7 to
S15/T15
*7
O
•Output for VFD display controller segment
/timing with internal pull-down resistor in
common
•Internal pull-down resistor output
-
TA (*5)
(Continue)


Similar Part No. - LC866560

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866560 SANYO-LC866560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC866560

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com