Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866412 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC866412
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866412 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC866412 Datasheet HTML 1Page - Sanyo Semicon Device LC866412 Datasheet HTML 2Page - Sanyo Semicon Device LC866412 Datasheet HTML 3Page - Sanyo Semicon Device LC866412 Datasheet HTML 4Page - Sanyo Semicon Device LC866412 Datasheet HTML 5Page - Sanyo Semicon Device LC866412 Datasheet HTML 6Page - Sanyo Semicon Device LC866412 Datasheet HTML 7Page - Sanyo Semicon Device LC866412 Datasheet HTML 8Page - Sanyo Semicon Device LC866412 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
91400 RM (IM) SK No.6746-1/22
Ver.1.04
73196
Preliminary
Overview
The LC86E6449 is a CMOS 8-bit single chip microcontroller with UVEPROM for the LC866400 series.
This microcontroller has the function and the pin description of the LC866400 series mask ROM version, and 48K-byte
EPROM. The program data is rewritable. It is suitable to develop the program.
Features
(1) Option switching by EPROM data
The option function of the LC866400 series can be specified by the EPROM data.
LC86E6449 can be checked the function of the trial pieces using the mass production board.
(2) Internal one-time EPROM capacity
: 49408 bytes
(3) Internal RAM capacity
:
1152 bytes
Used EPROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies LC86E6449.
Mask ROM version
EPROM capacity
RAM capacity
LC866448
49152 bytes
1152 bytes
LC866444
45056 bytes
1152 bytes
LC866440
40960 bytes
1152 bytes
LC866436
36864 bytes
1152 bytes
LC866432
32768 bytes
768 bytes
LC866428
28672 bytes
768 bytes
LC866424
24576 bytes
768 bytes
LC866420
20480 bytes
640 bytes
LC866416
16384 bytes
640 bytes
LC866412
12288 bytes
512 bytes
LC866408
8192 bytes
512 bytes
8-Bit Single Chip Microcontroller
with the UVEPROM
LC86E6449
Ordering number : ENN*6746
CMOS IC


Similar Part No. - LC866412

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866412 SANYO-LC866412 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866412A SANYO-LC866412A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866412A SANYO-LC866412A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866412B SANYO-LC866412B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866412

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com