Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC86P5420 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC86P5420
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P5420 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC86P5420 Datasheet HTML 1Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 2Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 3Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 4Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 5Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 6Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 7Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 8Page - Sanyo Semicon Device LC86P5420 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC86P5420
No.6730-2/22
Notice for use
The LC86P5420 is provided for the first release and small shipping of the LC865500 / LC865400 series.
At using, take notice of the followings.
(1) A point of difference the LC86P5420 and the LC865500 / LC865400 series
Item
LC86P5420
LC865520 / 16 / 12 / 08 / 04 LC865412 / 08 / 04
Operation after reset
The option is specified by degrees
The program is executed from 00H of the
releasing
until 3ms after going to a 'H' level
program counter immediately after going
to the reset terminal. The program
to a 'H' level to the reset terminal.
is executed from 00H of the
program counter.
Operating supply
4.5V to 6.0V
2.5V to 6.0V
voltage range (VDD)
Power dissipation
Refer to 'electrical characteristics' on the semiconductor news.
The LC86P5420 functions same as the followings while resetting ; LC865520 / 16 / 12 / 08 / 04, LC865412
/ 08 / 04.
The LC86P5420 uses 256 bytes that is addressed on 7F00H to 7FFFH in the program memory as the
option configulation data area.
•A kind of the option corresopnding of the LC86P5420
A kind of option
Pins, Circuits
Contents of the option
Input / output form of
Port 0
1. N-channel open drain output
input / output ports
2. CMOS output
*1
1. Pull-up MOS Tr. provided
2. Pull-up MOS Tr. not provided
*2
Port 1
1. Input
: Programmable pull-up MOS Tr.
Output
: N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
*1
Output
: CMOS
Port 3
1. Input
: No Programmable pull-up
MOS Tr.
Output
: N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
*1
Output
: CMOS
*1) Specified in bit
*2) Specified in nibble unit. Pull-up MOS Tr. is not provided in N-channel open drain output port.
(2) Option
The option data is created by the option specified program "SU86K.EXE". The created option data is
linked to the program area by the linkage loader "L86K.EXE".


Similar Part No. - LC86P5420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC86P5420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com