Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866024 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC866024
Description  8-Bit Single Chip Microcontroller with One-Time PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866024 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC866024 Datasheet HTML 6Page - Sanyo Semicon Device LC866024 Datasheet HTML 7Page - Sanyo Semicon Device LC866024 Datasheet HTML 8Page - Sanyo Semicon Device LC866024 Datasheet HTML 9Page - Sanyo Semicon Device LC866024 Datasheet HTML 10Page - Sanyo Semicon Device LC866024 Datasheet HTML 11Page - Sanyo Semicon Device LC866024 Datasheet HTML 12Page - Sanyo Semicon Device LC866024 Datasheet HTML 13Page - Sanyo Semicon Device LC866024 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LC86P6032
No.4212-10/22
1. Absolute Maximum Ratings at VSS=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD,VDDVPP
-0.3
+7.0
Input voltage
VI(1)
•Ports 71,72,3,8
• RES
-0.3
VDD+0.3
VI(2)
VP
VDD-4.5
VDD+0.3
Output voltage
VO
•S0/T0 to S15/T15
•S16 to S29
VDD-4.
5
VDD+0.3
Input/Output
voltage
VIO
•Ports 0, 1
•Port 70
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1
•CMOS output
•At each pin
-4
IOPH(2)
S0/T0 to S15/T15
•At each pin
-30
Peak
output
current
IOPH(3)
S16 to S29
•At each pin
-15
∑IOAH(1) Port 0
Total of all pins
-10
∑IOAH(2) Port 1
Total of all pins
-10
High
level
output
current
Total
output
current
∑IOAH(3) •S0/T0 to S15/T15
•S16 to S29
Total of all pins
-130
IOPL(1)
Ports 0, 1
At each pin
20
Peak
output
current
IOPL(2)
Port 70
At each pin
15
∑IOAL(1) Port 0
Total of all pins
40
Low
level
output
current
Total
output
current
∑IOAL(2) Ports 1, 70
Total of all pins
40
mA
Pdmax(1)
DIP64S
Ta=-30 to+70
°C
760
mW
Power dissipation
(max.)
Pdmax(2)
QFP64E
Ta=-30 to+70
°C
430
Operating
temperature range
Topr
-30
+70
Storage
temperature range
Tstg
-65
+150
°C
Notes
• The QFP packages should be heat-soaked for 24 hours at 125
°C immediately prior to mounting (This baking is called
pre-baking).
• After pre-baking, a controlled environment must be maintained until soldering.
The environment must be held at a
temperature of 30
°C or less and a humidity level of 70% or less. Please solder within 8 hours.


Similar Part No. - LC866024

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866024B SANYO-LC866024B Datasheet
390Kb / 20P
   8-bit single chip microcomputer???
LC866024B SANYO-LC866024B Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC866024

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com