Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866448 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC866448
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866448 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC866448 Datasheet HTML 1Page - Sanyo Semicon Device LC866448 Datasheet HTML 2Page - Sanyo Semicon Device LC866448 Datasheet HTML 3Page - Sanyo Semicon Device LC866448 Datasheet HTML 4Page - Sanyo Semicon Device LC866448 Datasheet HTML 5Page - Sanyo Semicon Device LC866448 Datasheet HTML 6Page - Sanyo Semicon Device LC866448 Datasheet HTML 7Page - Sanyo Semicon Device LC866448 Datasheet HTML 8Page - Sanyo Semicon Device LC866448 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
91400 RM (IM) SK No.6689-1/22
Ver.1.01
80796
Preliminary
Overview
The LC86P6449 is a CMOS 8-bit single chip microcontroller with one-time PROM for the LC866400 series.
This microcontroller has the function and the pin description of the LC866400 series mask ROM version, and 48K-byte
PROM.
Features
(1) Option switching by PROM data
The option function of the LC866400 series can be specified by the PROM data.
LC86P6449 can be checked the function of the trial pieces using the mass production board.
(2) Internal one-time PROM capacity
:
49408 bytes
(3) Internal RAM capacity
:
1152 bytes
Used PROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies LC86P6449.
Mask ROM version
PROM capacity
RAM capacity
LC866448
49152 bytes
1152 bytes
LC866444
45056 bytes
1152 bytes
LC866440
40960 bytes
1152 bytes
LC866436
36864 bytes
1152 bytes
LC866432
32768 bytes
768 bytes
LC866428
28672 bytes
768 bytes
LC866424
24576 bytes
768 bytes
LC866420
20480 bytes
640 bytes
LC866416
16384 bytes
640 bytes
LC866412
12288 bytes
512 bytes
LC866408
8192 bytes
512 bytes
Programming service
We offers various services at nominal charges.
These include the ROM writing, the ROM reading, the package stamping
and the screening.
Contact our representative for further information
8-Bit Single Chip Microcontroller
with One-Time Programmable PROM
LC86P6449
Ordering number : ENN*6689
CMOS IC


Similar Part No. - LC866448

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866448 SANYO-LC866448 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866448B SANYO-LC866448B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866448

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com