Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS433L Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS433L
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS433L Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS433L Datasheet HTML 1Page - Vectron International, Inc TFS433L Datasheet HTML 2Page - Vectron International, Inc TFS433L Datasheet HTML 3Page - Vectron International, Inc TFS433L Datasheet HTML 4Page - Vectron International, Inc TFS433L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 433l.doc
Version 1.5
07.02.2005
VI TELEFILTER
Filter specification
TFS 433L
5/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
History
Version
Reason of Changes
Name
Date
1.0
generated specification according to customer requirement
Dr. Sabah
17.05.2000
1.1
changing of input connection pin to 2
Dr. Sabah
15.11.2000
1.2
changing of operating temperature rang
Dr. Sabah
01.12.2000
1.3
changing of tape size P1
Dr. Sabah
10.01.2001
1.4
chaging from developmet filter to filter specification
Dr. Sabah
10.04.2001
add of terminating impedance
1.5
add typ. value
Dr.Sabah/Strehl 07.02.2005
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS433L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS433L VECTRON-TFS433L Datasheet
73Kb / 5P
   Filter specification
More results

Similar Description - TFS433L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com