Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC749402PT Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC749402PT
Description  CMOS IC Silicon gate LCD Picture Quality Improvement IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749402PT Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC749402PT Datasheet HTML 2Page - Sanyo Semicon Device LC749402PT Datasheet HTML 3Page - Sanyo Semicon Device LC749402PT Datasheet HTML 4Page - Sanyo Semicon Device LC749402PT Datasheet HTML 5Page - Sanyo Semicon Device LC749402PT Datasheet HTML 6Page - Sanyo Semicon Device LC749402PT Datasheet HTML 7Page - Sanyo Semicon Device LC749402PT Datasheet HTML 8Page - Sanyo Semicon Device LC749402PT Datasheet HTML 9Page - Sanyo Semicon Device LC749402PT Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LC749402PT
No.A1885-6/10
Pin Functions
In/output format
Pin No.
Pin symbol
I/O
Format
Connecting
destination
Remarks
1
AVDD_OSC
P
-
Core Voltage
Analog
2
RC_BIAS
I
J
Resistor
Analog
Bias resistor connection
(Connect to ground through 20k
Ω resistor)
3
AVSS_OSC
P
-
GND
Analog
4
DVSS
P
-
GND
Digital
5
DCRIN0
I
C
CMOS
Digital
R/Cr video input. (LSB Connect to GND when not used.)
6
DCRIN1
I
C
CMOS
Digital
R/Cr video input. (Connect to GND when not used.)
7
DCRIN2
I
C
CMOS
Digital
R/Cr video input (Connect to GND when not used.)
8
DCRIN3
I
C
CMOS
Digital
R/Cr video input (Connect to GND when not used.)
9
DCRIN4
I
C
CMOS
Digital
R/Cr video input (Connect to GND when not used.)
10
DVDD_CORE
P
-
Core Voltage
Digital
11
DCRIN5
I
C
CMOS
Digital
R/Cr video input (Connect to GND when not used.)
12
DCRIN6
I
C
CMOS
Digital
R/Cr video input (Connect to GND when not used.)
13
DCRIN7
I
C
CMOS
Digital
R/Cr video input (MSB Connect to GND when not used.)
14
DYGIN0
I
C
CMOS
Digital
G/Y/656 video input (LSB Connect to GND when not used.)
15
DYGIN1
I
C
CMOS
Digital
G/Y/656 video input (Connect to GND when not used.)
16
DVDD_IO
P
-
IO voltage
Digital
17
DYGIN2
I
C
CMOS
Digital
G/Y/656 video input (Connect to GND when not used.)
18
DYGIN3
I
C
CMOS
Digital
G/Y/656 video input (Connect to GND when not used.)
19
DYGIN4
I
C
CMOS
Digital
G/Y/656 video input (Connect to GND when not used.)
20
DYGIN5
I
C
CMOS
Digital
G/Y/656 video input (Connect to GND when not used.)
21
DYGIN6
I
C
CMOS
Digital
G/Y/656 video input (Connect to GND when not used.)
22
DVSS
P
-
GND
Digital
23
DYGIN7
I
C
CMOS
Digital
G/Y/656 video input (MSB Connect to GND when not used.)
24
DCBIN0
I
C
CMOS
Digital
B/Cb/C video (LSB Connect to GND when not used.)
25
DCBIN1
I
C
CMOS
Digital
B/Cb/C video input (Connect to GND when not used.)
26
DCBIN2
I
C
CMOS
Digital
B/Cb/C video input (Connect to GND when not used.)
27
DCBIN3
I
C
CMOS
Digital
B/Cb/C video input (Connect to GND when not used.)
28
DCBIN4
I
C
CMOS
Digital
B/Cb/C video input (Connect to GND when not used.)
29
DCBIN5
I
C
CMOS
Digital
B/Cb/C video input (Connect to GND when not used.)
30
DVDD_CORE
P
-
Core Voltage
Digital
31
DCBIN6
I
C
CMOS
Digital
B/Cb/C video input (Connect to GND when not used.)
32
DCBIN7
I
C
CMOS
Digital
B/Cb/C video input (MSB Connect to GND when not used.)
33
DDEI
I
C
CMOS
Digital
Data enable signal. (Connect to GND when not used.)
34
DVSI
I
C
CMOS
Digital
Vertical sync signal
35
DHSI
I
C
CMOS
Digital
Horizontal sync signal.
36
DVSS
P
-
GND
Digital
37
OSDBL
I
C
CMOS
Digital
Data enable signal for external OSD.
(Connect to GND when not used.)
38
SCS_I2SEL
I
A
CMOS
Digital
SIO chip enable / I
2C slave select
39
DCKI
I
C
CMOS
Digital
Video clock.
40
SIOSEL
I
C
CMOS
Digital
”L”: I
2C slave, ”H”: 4 wire SIO
41
XTAL1
I
C
CMOS
Digital
Extarnal clock input for panel protection.
(Connect to GND when not used.)
42
DVDD_IO
P
-
IO voltage
Digital
43
GRST
O
F
CMOS
Digital
Gate driver reset signal.
44
FLM
O
F
CMOS
Digital
Start pulse signal for gate driver
45
OE
O
F
CMOS
Digital
Output enable signal for gate driver.
46
DVSS
P
-
GND
Digital
47
CPV
O
F
CMOS
Digital
Gate driver clock signal.
48
STRB
O
F
CMOS
Digital
Data strobe signal for source driver.
49
SP
O
F
CMOS
Digital
Start pulse signal for sourse driver.
Continued on next page.


Similar Part No. - LC749402PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
More results

Similar Description - LC749402PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
logo
Princeton Technology Co...
PT6596 PTC-PT6596 Datasheet
71Kb / 6P
   PICTURE CELL LCD DRIVER IC
logo
Toshiba Semiconductor
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
   Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
logo
Siemens Semiconductor G...
SDA9388X SIEMENS-SDA9388X Datasheet
74Kb / 2P
   Single-Chip Picture in Picture IC
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
logo
E-Tech Electronics LTD
MN662793 ETL-MN662793 Datasheet
818Kb / 41P
   Silicon CMOS IC
logo
NXP Semiconductors
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
   Luminance Transient Improvement LTI IC
1996 Jan 30
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com