Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS452A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS452A
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS452A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS452A Datasheet HTML 1Page - Vectron International, Inc TFS452A Datasheet HTML 2Page - Vectron International, Inc TFS452A Datasheet HTML 3Page - Vectron International, Inc TFS452A Datasheet HTML 4Page - Vectron International, Inc TFS452A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
File name : TFS452A.doc
version 1.2
21.01.2004
VI TELEFILTER
Filter Specification
TFS 452A
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 452,5 MHz without any tolerance or limit.
The values of absolute attenuation arel are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
1,1
dB
max.
3,0
dB
Nominal frequency
fN
452,5
MHz
452,5
MHz
Passband -3dB at 23°C
Passband ripple
PB
8,7
0,3
MHz
dB
fN
max.
± 2,5
1,5
MHz
dB
Absolute attenuation
aabs
300
MHz ...
347,5 MHz
32
dB
min.
30
dB
347,5
MHz ...
442,5 MHz
29
dB
min.
25
dB
460
MHz ...
465
MHz
44
dB
min.
30
dB
465
MHz ...
2000 MHz
31
dB
min.
25
dB
Operating temperature range
OTR
-
- 10 °C ... + 85 °C
Storage temperature range
-
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf *
-35,1
ppm/K
-
Input power level
-
max.
25
dBm
VSWR
in PB
1,6:1
max.
2,1:1
*)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz).
Generated:
Checked / approved:


Similar Part No. - TFS452A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS450 VECTRON-TFS450 Datasheet
31Kb / 5P
   Filter Specification
TFS450A VECTRON-TFS450A Datasheet
223Kb / 5P
   Filter specification
logo
List of Unclassifed Man...
TFS451A ETC2-TFS451A Datasheet
165Kb / 5P
   Filter specification
logo
Vectron International, ...
TFS451A VECTRON-TFS451A Datasheet
170Kb / 5P
   Filter specification
TFS453 VECTRON-TFS453 Datasheet
124Kb / 5P
   Filter specification
More results

Similar Description - TFS452A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com